Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3028S05 Datasheet(PDF) 20 Page - XP Power Limited

Part # MTC3028S05
Description  COTS Component for Defense & Avionics Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MTC3028S05 Datasheet(HTML) 20 Page - XP Power Limited

Back Button MTC3028S05 Datasheet HTML 16Page - XP Power Limited MTC3028S05 Datasheet HTML 17Page - XP Power Limited MTC3028S05 Datasheet HTML 18Page - XP Power Limited MTC3028S05 Datasheet HTML 19Page - XP Power Limited MTC3028S05 Datasheet HTML 20Page - XP Power Limited MTC3028S05 Datasheet HTML 21Page - XP Power Limited MTC3028S05 Datasheet HTML 22Page - XP Power Limited MTC3028S05 Datasheet HTML 23Page - XP Power Limited MTC3028S05 Datasheet HTML 24Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
P O W E R I N G
T H E
W O R L D ’ S
C R I T I C A L
S Y S T E M S
xppower.com
8
Parallel Configuration - Single Output Models Only
Converter
2
+
-
Converter
1
+
-
Supply
Load
+Sense
+Sense
C
Converter
2
+
-
Converter
1
+
-
Supply
Load
Adj
R
R
Adj
Figure 12. Parallel configuration suitable for redundant operation
Figure 13. Parallel configuration for current sharing
Notes.
1. Up to 3 converters to share within 80% max power;
2. To calculate the resistor (R) for the current sharing use the formula: R=(Vout nom (V) x output set tolerance (%))/(Iout nom (A) x current share (%)), e.g.
MTC1528S05 will be: R=(5V x 4%)/(2.40A x 50%)=167m
Ω
3. The adjust pin can be used to tune Vout to achieve max of 1% tolerance which helps to achieve better current sharing and keeps the resistor (R) value lower.


Similar Part No. - MTC3028S05

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
288Kb / 4P
   Switching Power Module for PCB Mountable
MTC30 ARCH-MTC30 Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-12S ARCH-MTC30-12S Datasheet
189Kb / 3P
   Switching Power Module for PCB Mountable
MTC30-12S ARCH-MTC30-12S Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-15S ARCH-MTC30-15S Datasheet
189Kb / 3P
   Switching Power Module for PCB Mountable
More results

Similar Description - MTC3028S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
   COTS Component for Defense & Avionics Applications
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
TT Electronics.
PFC-D TTELEC-PFC-D Datasheet
585Kb / 3P
   Tested for COTS applications
logo
STMicroelectronics
RPC56EL60L5 STMICROELECTRONICS-RPC56EL60L5 Datasheet
2Mb / 137P
   microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com