Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL500PS48 Datasheet(PDF) 4 Page - XP Power Limited

Part # LCL500PS48
Description  SIngle Output Industrial Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL500PS48 Datasheet(HTML) 4 Page - XP Power Limited

  LCL500PS48 Datasheet HTML 1Page - XP Power Limited LCL500PS48 Datasheet HTML 2Page - XP Power Limited LCL500PS48 Datasheet HTML 3Page - XP Power Limited LCL500PS48 Datasheet HTML 4Page - XP Power Limited LCL500PS48 Datasheet HTML 5Page - XP Power Limited LCL500PS48 Datasheet HTML 6Page - XP Power Limited LCL500PS48 Datasheet HTML 7Page - XP Power Limited LCL500PS48 Datasheet HTML 8Page - XP Power Limited LCL500PS48 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
xppower.com
4
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
85
88
%
230 VAC full load, See fig 5, 6 & 7
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
500
Switching Frequency
45
190
kHz
PFC Converter
LCL150
90
110
Main Converter
62
65
PFC Converter
LCL300 & LCL500
80
190
Main converter
Power Density
2.7
W/in
3
LCL150
4.4
LCL300
4.9
LCL500
MTBF
200
kHrs
MIL-HDBK-217F at 25 ˚C, GB
Weight
1.39 (630)
lb (g)
LCL150
See mechanical details
1.94 (880)
lb (g)
LCL300
3.2 (1.45)
lb (kg)
LCL500
Output Overload Characteristics
23.6
23.7
23.8
23.9
24
24.1
13
13.256
13.512
13.768
14.024
14.28
14.536
14.792
15.048
Current (A)
100%
102%
104%
106%
108%
110%
112%
114%
116%
Percent Overload
90Vac
115Vac
230Vac
264Vac
Unit enters hiccup mode
Figure 3 - LCL300PS24
47.5
47.6
47.7
47.8
47.9
48
48.1
10.5
10.75
11
11.25
11.5
11.75
12
12.25
12.5
Current (A)
100%
103%
105%
108%
110%
113%
115%
118%
120%
Percent Overload
90Vac
115Vac
230Vac
264Vac
Unit enters hiccup mode
Figure 4 - LCL500PS48


Similar Part No. - LCL500PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL500PS48 XPPOWER-LCL500PS48 Datasheet
450Kb / 4P
   150-500 Watts LCL Series
LCL500PS48 XPPOWER-LCL500PS48 Datasheet
449Kb / 4P
   150-500 Watts LCL Series
More results

Similar Description - LCL500PS48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com