Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-6021 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # SBT-BGA-6021
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6021 Datasheet(HTML) 5 Page - Ironwood Electronics.

  SBT-BGA-6021 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6021 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6021 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6021 Datasheet HTML 4Page - Ironwood Electronics. SBT-BGA-6021 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
14
15
16
13
1
2
4
3
20
5
6
7
18
12
10
11
8
17
9
21
19
SBT Pin 15:1 scale
ITEM
NO.
DESCRIPTION
Material
1
flat hd phillips M3-0.5, x 5mm long SS, 90 deg
Countersunk
2
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel (303)
3
Compression Plate, 27mm IC with TC access hole
7075-T6 Aluminum Alloy
4
Socket Lid, 32.225 X 32.225
7075-T6 Aluminum Alloy
5
Floating Guide 26x26 array 1mm pitch
PEEK Ceramic filled
6
Middle Guide 26x26 array 1mm pitch
PEEK Ceramic filled
7
Bottom Guide 26x26 array 1mm pitch
PEEK Ceramic filled
8
Pogo Pin, 1mm Pitch SBT BGA pin
9
Dowel Pin, 1/32" dia, 7/16" Long, 18-8 SS
Chrome Stainless Steel
10
#0-80 X .75 LG, SOC HD CAP SCREW, 18-8 SS
Stainless Steel (18-8)
11
Washer, #0 x .025", Nylon
Nylon 6/6
12
SBT Ni plt backing plt 27mm IC
7075-T6 Aluminum Alloy
13
compression screw with heat sink M18x1.5 thread
7075-T6 Aluminum Alloy
14
DC fan 30mmx30mmx10mm, 5V, 5.5CFM
PP Copolymer
15
Cheese Head 18-8 M3 Size, 14 mm Length
Cast Stainless Steel
16
spacer round M3-0.5 female thread 10mm long Ni
pltd brass
Brass
17
Floating Guide Spring
Alloy Steel (SS)
18
Insulation Plate 27mm IC
FR4
19
BGA676 device
FR4 Standard
20
Socket Base SBT 27x27mm Ni plated 0.375mm
shift 1mm and 1.27 mm pitch IC
7075-T6 Aluminum Alloy
21
#0-80, 90 deg., head pin guide screw, Peek
material 5.5715mm overall Length
PEEK unfilled
22
Test PCB BGA676C
FR4
Rev
Date
Initials Description
A
09/08/12
MR
Original
B
03/12/15
DH
Updated layout page.
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket detail, Pin
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 9/8/2012
Material: N/A
Finish: N/A
Weight: 85.02
SBT-BGA-6021 Drawing
SCALE: 3:2
SHEET: 5 OF 5
ENG: S. Huang
FILE: SBT-BGA-6021 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - SBT-BGA-6021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6020 IRONWOOD-SBT-BGA-6020 Datasheet
328Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6022 IRONWOOD-SBT-BGA-6022 Datasheet
156Kb / 3P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6023 IRONWOOD-SBT-BGA-6023 Datasheet
375Kb / 7P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6024 IRONWOOD-SBT-BGA-6024 Datasheet
334Kb / 6P
   Easily removable swivel lid
SBT-BGA-6025 IRONWOOD-SBT-BGA-6025 Datasheet
289Kb / 4P
   Easily removable swivel lid
More results

Similar Description - SBT-BGA-6021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com