Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-6014 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-6014
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6014 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-6014 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6014 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6014 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6014 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 2.4mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: A
Date: 09/08/2012
File: SBT-BGA-6014 Dwg.mcd
© 2012 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Modified:
SBT-BGA-6014 Drawing
Non plated mounting hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm(x4)
1.25mm±0.13mm(x4)
5.08mm
1mm typ.
Ø 1.61mm±0.05mm(x8)
Ø 0.85mm±0.025mm(x2)
Ø 0.51mmxPAD
Socket size
2.54mm
2.5mm±0.13mm
2.5mm±0.13mm
Backing plate size
38.725mm±0.125mm (x4)
16.8625mm (x8)
2.7375mm*
2.3625mm
36.225mm±0.125mm (x4)
Do not use screw in this hole


Similar Part No. - SBT-BGA-6014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6010 IRONWOOD-SBT-BGA-6010 Datasheet
714Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6011 IRONWOOD-SBT-BGA-6011 Datasheet
287Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6013 IRONWOOD-SBT-BGA-6013 Datasheet
590Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6015 IRONWOOD-SBT-BGA-6015 Datasheet
199Kb / 3P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6019 IRONWOOD-SBT-BGA-6019 Datasheet
204Kb / 4P
   High speed, reliable SBT Pin connection
More results

Similar Description - SBT-BGA-6014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com