Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E10 Datasheet(PDF) 4 Page - XP Power Limited

Part # E10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

E10 Datasheet(HTML) 4 Page - XP Power Limited

  E10 Datasheet HTML 1Page - XP Power Limited E10 Datasheet HTML 2Page - XP Power Limited E10 Datasheet HTML 3Page - XP Power Limited E10 Datasheet HTML 4Page - XP Power Limited E10 Datasheet HTML 5Page - XP Power Limited E10 Datasheet HTML 6Page - XP Power Limited E10 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4719BH03
PAGE 4
WWW.XPPOWER.COM
2.50 (63.5)
1.50
(38.1)
0.15
(3.8)
1.200
(30.48)
2.100
(53.34)
0.85
(21.6)
0.20 (5.1)
0.031 (0.79)
P.C. PINS
TYPICAL
2X 0.129 (3.28)
CLEARANCE HOLE
FOR #4/M3
1
2
4
*
3
0
0.35 (8.9)
RECOMMENDED
PCB LAYOUT
RECOMMENDED
HOLE & PAD O.D. SIZE:
0.052 (1.32 ) & 0.082 (2.08)
*5 PLACES
0.450
(11.43)
0.200
(5.08)
TOP VIEW
TOP VIEW
0.20 (5.1)
5
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
0.800 (20.32)
0.100 (2.54)
0.400 (10.16)
0.900 (22.86)
1.000 (25.40)
ø
ø
øø
PIN #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap (Optional)
PARAMETER
VALUE
WEIGHT
3 OZ (85.05 Grams)
VOLUME
<3.2 cubic Inches (52.2 cubic centimeters)
DIMENSIONS
2.50L (63.5L) x 1.50W (38.1W) x 0.85H (21.6H)
CASE MATERIAL
Diallyl Phthalate (DAP)
E02-E60 MECHANICAL SPECIFICATIONS*
2
E SERIES
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Similar Part No. - E10

ManufacturerPart #DatasheetDescription
logo
Powerbox
E10 POWERBOX-E10 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
PANDUIT CORP.
E10-10FB-Q PANDUIT-E10-10FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
E10-10LFB-Q PANDUIT-E10-10LFB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
E10-10RB-Q PANDUIT-E10-10RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
E10-14FB-Q PANDUIT-E10-14FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - E10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com