Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E06 Datasheet(PDF) 6 Page - XP Power Limited

Part # E06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

E06 Datasheet(HTML) 6 Page - XP Power Limited

  E06 Datasheet HTML 1Page - XP Power Limited E06 Datasheet HTML 2Page - XP Power Limited E06 Datasheet HTML 3Page - XP Power Limited E06 Datasheet HTML 4Page - XP Power Limited E06 Datasheet HTML 5Page - XP Power Limited E06 Datasheet HTML 6Page - XP Power Limited E06 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4719BH03
PAGE 6
WWW.XPPOWER.COM
E SERIES – ACCESSORY
3.40
(86.36)
1.60
(40.64)
0.80
(20.32)
0.300
(7.62)
3.000
(76.20)
0.31
(7.87)
0.90
(22.86)
0.40
(10.16)
0.20
(5.08)
2.60
(66.04)
0.300
(7.62)
Ø
0.140 (3.56) THRU
2 PLACES
4-40 SOLDERABLE
GROUNDING STUD
2 PLACES
HIGH
VOLTAGE
EXTERNAL EMI/RFI SHIELD
The “AB” Series provides low cost EMI/RFI shielding and rugged
mounting for XP EMCO High Voltage DC to DC converters. These
five-sided aluminum enclosures feature a durable, non-conductive
black anodized finish. The enclosures are manufactured at our own
sheet metal fabrication facility, which allows for low cost and stock
delivery. Add an “AB” suffix to the model number for a factory-installed
enclosure (e.g. E10AB). Contact our sales department by phone, fax
or email for immediate attention.
On models with outputs of 3kV or higher, special care must be taken
to ensure adequate spacing and insulation between the metal can
and the high voltage output. Single sided layout, encapsulants or
conformal coating may be required.
Case grounding stud must be connected to ground. Case ground is
not internally connected to (-) input.
SHIELD DESCRIPTION
APPLICATION INFORMATION
PARAMETER
VALUE
BOX SIZE
See table
MATERIAL
0.03 (0.76mm) Aluminum
FINISH
Black Anodize
MOUNTING
Two Tabs With Thru-Holes
PARAMETER
VALUE
GROUND
Black Anodized Aluminum
DIMENSIONS WITH TAB
3.4L (86.36L) x 1.6W (40.64W) x 0.9H (22.86H)
DIMENSIONS
WITHOUT TAB
2.6L (66.04L) x 1.6W (40.64W) x 0.9H (22.86H)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Similar Part No. - E06

ManufacturerPart #DatasheetDescription
logo
Powerbox
E06 POWERBOX-E06 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E06CT POWERBOX-E06CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - E06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com