Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-6004 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SBT-BGA-6004
Description  Low and stable contact resistance for reliable production yield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6004 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SBT-BGA-6004 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6004 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6004 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6004 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E
D
e
b
0.25 C A B
0.10
SEE NOTE 3
0,20
A
B
A
A
A1
DETAIL A
SCALE 6 : 1
0.20 C
SEE NOTE 5
0.20 C
C
Ironwood Package code: BGA484C
DESCRIPTION: Compatible BGA
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
4. Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
DIM
Minimum Maximum
A
2.5
A1
0.4
0.6
b
0.70
D
23.00 BSC
E
23.00 BSC
e
1.0 BSC
ARRAY
22 X 22
PIN COUNT
484
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 2/7/13
Material: N/A
Finish: N/A
Weight: 48.38
SBT-BGA-6004 Drawing
SCALE: 2:1
SHEET: 3 OF 4
ENG: V. Panavala
FILE: SBT-BGA-6004
DRAWN BY: V. Panavala


Similar Part No. - SBT-BGA-6004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6000 IRONWOOD-SBT-BGA-6000 Datasheet
553Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6001 IRONWOOD-SBT-BGA-6001 Datasheet
371Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6002 IRONWOOD-SBT-BGA-6002 Datasheet
359Kb / 4P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6003 IRONWOOD-SBT-BGA-6003 Datasheet
376Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6005 IRONWOOD-SBT-BGA-6005 Datasheet
360Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SBT-BGA-6004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com