Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8239AAI-M6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8239AAI-M6T1U
Description  OVERCURRENT MONITORING IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8239AAI-M6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8239AAI-M6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8239AAI-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-8239A Series
www.sii-ic.com
OVERCURRENT MONITORING IC
FOR MULTI-SERIAL-CELL PACK
© SII Semiconductor Corporation, 2013-2016
Rev.1.4_03
1
The S-8239A Series is an overcurrent monitoring IC for multi-serial-cell pack including high-accuracy voltage detection
circuits and delay circuits.
The S-8239A Series is suitable for protection of lithium-ion / lithium polymer rechargeable battery packs from overcurrent.
Features
• Built-in high-accuracy voltage detection circuit
Overcurrent 1 detection voltage
*1
0.04 V to 0.30 V (10 mV step)
Accuracy
±15 mV
Overcurrent 2 detection voltage
0.1 V to 0.7 V (100 mV step)
Accuracy
±100 mV
Overcurrent 3 detection voltage
1.2 V (Fixed)
Accuracy
±300 mV
• Built-in three-step overcurrent detection circuit: Overcurrent 1, overcurrent 2, overcurrent 3
• Overcurrent 3 detection function is selectable: Available, unavailable
• UVLO (under voltage lock out) function
UVLO detection voltage
2.0 V (Fixed)
Accuracy
±100 mV
• High-withstand voltage:
VM pin, DO pin: Absolute maximum rating 28 V
• Delay times are generated only by an internal circuit (External capacitors are unnecessary).
• Low current consumption
During normal operation:
7.0
μA max.
During UVLO operation:
6.0
μA max.
• Output logic:
Active "L", Active "H"
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Overcurrent 1 detection voltage
≤ 0.06 V should be satisfied in the case of overcurrent 2 detection voltage = 0.1 V.
Overcurrent 1 detection voltage
≤ 0.85 × overcurrent 2 detection voltage − 0.05 V should be satisfied in the case of
overcurrent 2 detection voltage
≥ 0.2 V.
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Package
• SOT-23-6


Similar Part No. - S-8239AAI-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8239AAI-M6T1U ABLIC-S-8239AAI-M6T1U Datasheet
492Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.5_00
More results

Similar Description - S-8239AAI-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8239BAA-M6T1U SII-S-8239BAA-M6T1U Datasheet
1Mb / 25P
   OVERCURRENT MONITORING IC
logo
PHOENIX CONTACT
EMD-SL-C-OC-10 PHOENIX-EMD-SL-C-OC-10 Datasheet
146Kb / 7P
   Overcurrent monitoring
logo
ABLIC Inc.
S-8269B ABLIC-S-8269B Datasheet
685Kb / 32P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B ABLIC-S-8239B Datasheet
414Kb / 25P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.2_00
S-8239A ABLIC-S-8239A Datasheet
492Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.5_00
logo
Seiko Instruments Inc
S8239A SII-S8239A Datasheet
477Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
S8239B SII-S8239B Datasheet
409Kb / 25P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com