Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8215AAP-K8T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8215AAP-K8T2U
Description  BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8215AAP-K8T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8215AAP-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-8215AAP-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8215A Series
Rev.2.3_02
8
Test Circuits
1. Overcharge detection voltage, overcharge hysteresis voltage
(Test circuit 1)
1. 1 Overcharge detection voltage n (VCUn)
Set V1 = V2 = V3 = V4 = V5 = VCU
− 0.05 V. The overcharge detection voltage 1 (VCU1) is the V1 voltage when the CO
pin’s output changes after the voltage of V1 has been gradually increased.
Overcharge detection voltage (VCUn) (n = 2 to 5) can be determined in the same way as when n = 1.
1. 2 Overcharge hysteresis voltage n (VHCn)
Set V1 = VCU
+ 0.05 V, V2 = V3 = V4 = V5 = 2.5 V. The overcharge hysteresis voltage 1 (VHC1) is the difference
between V1 voltage and VCU1 when the CO pin's output changes after the V1 voltage has been gradually decreased.
Overcharge hysteresis voltage (VHCn) (n = 2 to 5) can be determined in the same way as when n = 1.
2. Output current
(Test circuit 5)
2. 1 Output current of CMOS output product
Set SW1 and SW2 to OFF.
2. 1. 1 Active "H"
(1) CO pin source current (ICOH)
Set SW1 to ON after setting V1 = 5.5 V, V2 to V5 = 3.0 V, V6 = 0.5 V. I1 is the CO pin source current (ICOH) at
that time.
(2) CO pin sink current (ICOL)
Set SW2 to ON after setting V1 to V5 = 3.5 V, V7 = 0.5 V. I2 is the CO pin sink current (ICOL) at that time.
2. 1. 2 Active "L"
(1) CO pin source current (ICOH)
Set SW1 to ON after setting V1 to V5 = 3.5 V, V6 = 0.5 V. I1 is the CO pin source current (ICOH) at that time.
(2) CO pin sink current (ICOL)
Set SW2 to ON after setting V1 = 5.5 V, V2 to V5 = 3.0 V, V7 = 0.5 V. I2 is the CO pin sink current (ICOL) at that
time.
2. 2 Output current of Nch open-drain output product
Set SW1 and SW2 to OFF.
2. 2. 1 Active "H"
(1) CO pin leakage current "L" (ICOLL)
Set SW2 to ON after setting V1 = 5.5 V, V2 to V5 = 3.0 V, V7 = 17.5 V. I2 is the CO pin leakage current "L"
(ICOLL) at that time.
(2) CO pin sink current (ICOL)
Set V1 to V5 = 3.5 V, V7 = 0.5 V. I2 is the CO pin sink current (ICOL) at that time.
2. 2. 2 Active "L"
(1) CO pin leakage current "L" (ICOLL)
Set SW2 to ON after setting V1 to V5 = 3.5 V, V7 = 17.5 V. I2 is the CO pin leakage current "L" (ICOLL) at that
time.
(2) CO pin sink current (ICOL)
Set V1 = 5.5 V, V2 to V5 = 3.0 V, V7 = 0.5 V. I2 is the CO pin sink current (ICOL) at that time.


Similar Part No. - S-8215AAP-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8215AAP-K8T2U ABLIC-S-8215AAP-K8T2U Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
More results

Similar Description - S-8215AAP-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
logo
Seiko Instruments Inc
S8215A SII-S8215A Datasheet
686Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
logo
ABLIC Inc.
S-8245A ABLIC-S-8245A Datasheet
993Kb / 41P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8225A ABLIC-S-8225A Datasheet
590Kb / 27P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
logo
Seiko Instruments Inc
S8225B SII-S8225B Datasheet
538Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com