Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8213AAM-I6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8213AAM-I6T1U
Description  BATTERY PROTECTION IC FOR 2-SERIAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8213AAM-I6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8213AAM-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8213AAM-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-8213 Series
www.sii-ic.com
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
(SECONDARY PROTECTION)
© SII Semiconductor Corporation, 2012-2015
Rev.1.3_03
1
The S-8213 Series is used for secondary protection of lithium-ion rechargeable batteries, and incorporates a high-accuracy
voltage detection circuit and a delay circuit. Short-circuits between VC3 to VSS accommodate serial connection of two cells or
three cells.
Features
• High-accuracy voltage detection circuit for each cell
Overcharge detection voltage n (n = 1 to 3)
4.10 V to 4.50 V (in 50 mV steps)
Accuracy:
±25 mV (Ta = +25°C)
Accuracy:
±30 mV (Ta = 0°C to +60°C)
Overcharge hysteresis voltage n (n = 1 to 3)
0 V
± 25 mV, −0.05 V ± 25 mV, −0.40 V ± 80 mV
• Delay times for overcharge detection can be set by an internal circuit only (external capacitors are unnecessary)
• Output form is selectable:
CMOS output, Nch open-drain output
• Output logic is selectable:
Active "H", Active "L"
• High-withstand voltage:
Absolute maximum rating 26 V
• Wide operation voltage range:
3.6 V to 24 V
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Low current consumption
At VCUn
− 1.0 V for each cell:
2.0
μA max. (Ta = +25°C)
At 2.0 V for each cell:
0.3
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free*1
*1. Refer to " Product Name Structure" for details.
Application
• Lithium-ion rechargeable battery pack (for secondary protection)
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S-8213AAM-I6T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-821 ETC-S-821 Datasheet
7Mb / 18P
   toggle switch
logo
Seiko Instruments Inc
S-8211C SII-S-8211C Datasheet
404Kb / 41P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
logo
Seiko Instruments Inc
S-8211CAA-I6T1G SII-S-8211CAA-I6T1G Datasheet
404Kb / 41P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211CAA-I6T1U ABLIC-S-8211CAA-I6T1U Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
More results

Similar Description - S-8213AAM-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8264AAA-I8T1U SII-S-8264AAA-I8T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL
S8264A SII-S8264A Datasheet
716Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB264A UTC-UB264A_17 Datasheet
210Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL
logo
ABLIC Inc.
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com