Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8213AAL-I6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8213AAL-I6T1U
Description  BATTERY PROTECTION IC FOR 2-SERIAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8213AAL-I6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8213AAL-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8213AAL-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_03
S-8213 Series
9
3. Overcharge detection delay time (tCU)
(Test circuit 1)
Set SW1 to OFF and ON in CMOS output product and Nch open-drain output product, respectively.
Increase V1 up to 5.0 V after setting V1 = V2 = V3 = 3.5 V. The overcharge detection delay time (tCU) is the time period
until the CO pin output changes.
4. Transition time to test mode (tTST)
(Test circuit 2)
Set SW1 to OFF and ON in CMOS output product and Nch open-drain output product, respectively.
Increase V4 up to 4.0 V, and decrease V4 again to 0 V after setting V1 = V2 = V3 = 3.5 V, and V4 = 0 V.
When the period from when V4 was raised to when it has fallen is short, if an overcharge detection operation is
performed subsequently, the delay time is tCU. However, when the period from when V4 is raised to when it has fallen is
gradually made longer, the delay time during the subsequent overcharge detection operation is shorter than tCU. The
transition time to test mode (tTST) is the period from when V4 was raised to when it has fallen at that time.


Similar Part No. - S-8213AAL-I6T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-821 ETC-S-821 Datasheet
7Mb / 18P
   toggle switch
logo
Seiko Instruments Inc
S-8211C SII-S-8211C Datasheet
404Kb / 41P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
logo
Seiko Instruments Inc
S-8211CAA-I6T1G SII-S-8211CAA-I6T1G Datasheet
404Kb / 41P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211CAA-I6T1U ABLIC-S-8211CAA-I6T1U Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
More results

Similar Description - S-8213AAL-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8264AAA-I8T1U SII-S-8264AAA-I8T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL
S8264A SII-S8264A Datasheet
716Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB264A UTC-UB264A_17 Datasheet
210Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL
logo
ABLIC Inc.
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com