Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8225BAH-TCT1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8225BAH-TCT1U
Description  BATTERY MONITORING IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8225BAH-TCT1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8225BAH-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8225BAH-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S-8225B Series
Rev.1.5_01
6
Electrical Characteristics
Table 5 (1 / 2)
(Ta =
+25°C, VDS = VDD − VSS = V1 + V2 + V3 + V4 + V5 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage n
(n = 1, 2, 3, 4, 5)
VCUn
Ta =
+25°C
V1 = V2 = V3 = V4 = V5 = VCU
− 0.05 V
VCUn
− 0.020
VCUn
VCUn
+ 0.020
V
1
Ta = 0
°C to +60°C*1
V1 = V2 = V3 = V4 = V5 = VCU
− 0.05 V
VCUn
− 0.030
VCUn
VCUn
+ 0.030
V
1
Overcharge release voltage n
(n = 1, 2, 3, 4, 5)
VCLn
VCLn
− 0.050
VCLn
VCLn
+ 0.050
V
1
Overdischarge detection voltage n
(n = 1, 2, 3, 4, 5)
VDLn
VDLn
− 0.08
VDLn
VDLn
+ 0.08
V
1
Overdischarge release voltage n
(n = 1, 2, 3, 4, 5)
VDUn
VDUn
− 0.10
VDUn
VDUn
+ 0.10
V
1
0 V battery detection voltage n
(n = 1, 2, 3, 4, 5)
V0INHn
0 V battery detection function
"available"
0.4
0.7
1.1
V
1
Delay Time Function*2
Overcharge detection
delay time
tCU
CCCT = 0.1
μF
0.67
1.00
1.33
s
2
Overdischarge detection
delay time
tDL
CCDT = 0.1
μF
0.67
1.00
1.33
s
2
CCT pin voltage
VCCT
1.5
5.0
V
2
CDT pin voltage
VCDT
1.5
5.0
V
2
Input Voltage
Operation voltage between
VDD pin and VSS pin
VDSOP
Fixed output voltage of CO pin and
DO pin
4
26
V
CTLC pin voltage "H"
VCTLCH
VDS
− 4.0
VDS
− 0.5
V
3
CTLC pin voltage "L"
VCTLCL
0.5
4.0
V
3
CTLD pin voltage "H"
VCTLDH
VDS
− 4.0
VDS
− 0.5
V
3
CTLD pin voltage "L"
VCTLDL
0.5
4.0
V
3
SEL1 pin voltage "H"
VSELH1
VDS
× 0.8
V
3
SEL2 pin voltage "H"
VSELH2
VDS
× 0.8
V
3
SEL1 pin voltage "L"
VSELL1
VDS
× 0.2
V
3
SEL2 pin voltage "L"
VSELL2
VDS
× 0.2
V
3
Output Voltage
CO pin voltage "H"
VCOH
5.0
8.0
12.0
V
4
DO pin voltage "H"
VDOH
5.0
8.0
12.0
V
4
Input Current
Current consumption
during operation
IOPE
V1 = V2 = V3 = V4 = V5 = 3.4 V
12
20
μA
5
Current consumption
during power-down
IPDN
V1 = V2 = V3 = V4 = V5 = 1.6 V
1.6
3.0
μA
5
VC1 pin current
IVC1
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
0.4
0.8
μA
6
VC2 to VC5 pins current
IVC2 to
IVC5
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
−1.0
1.0
μA
6
VC6 pin current
IVC6
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
−3.0
−1.0
μA
6
CTLC pin current "H"
ICTLCH
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
0.1
μA
6
CTLC pin current "L"
ICTLCL
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V7 = VDS, V6 = V8 = V9 = 0 V
−0.1
μA
6


Similar Part No. - S-8225BAH-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8225BAH-TCT1U ABLIC-S-8225BAH-TCT1U Datasheet
608Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.6_00
More results

Similar Description - S-8225BAH-TCT1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com