Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8229AAC-M6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8229AAC-M6T1U
Description  BATTERY MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8229AAC-M6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8229AAC-M6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8229AAC-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
S-8229 Series
www.sii-ic.com
BATTERY MONITORING IC
© SII Semiconductor Corporation, 2012-2015
Rev.1.0_02
1
The S-8229 Series is a battery monitoring IC developed using CMOS technology. Compared with conventional CMOS
voltage detectors, the S-8229 Series is ideal for the applications that require high-withstand voltage due to its maximum
operation voltage as high as 24 V.
The S-8229 Series is capable of confirming the voltage in stages since it detects three voltage values.
Features
• Detection voltage accuracy:
±1.0%
• Hysteresis characteristics:
VHYS1 to VHYS3 = 0 mV, 50 mV, 300 mV, 400 mV, 500 mV
• Current consumption:
During operation: IDD1 = 9.0
μA max. (−VDETtotal*1 ≥ 42 V)
IDD1 = 11.0
μA max. (−VDETtotal*1 < 42 V)
During power-off: IDD2 = 0.1
μA max.
• Operation voltage range:
VDD = 3.6 V to 24 V
• Detection voltage:
−VDET1(S) to −VDET3(S) = 10.5 V to 21.5 V (0.1 V step)
• Output form:
Nch open-drain output
• Output logic*2:
Full charge all on, full charge all off
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1.
−VDETtotal: Total detection voltage
−VDETtotal = −VDET1(S) + −VDET2(S) + −VDET3(S)
*2.
Full charge all on: When the input voltage is equal to or higher than each of the three detection voltage values,
VOUT1 = VOUT2 = VOUT3 = VSS.
Full charge all off: When the input voltage is equal to or higher than each of the three detection voltage values,
VOUT1 = VOUT2 = VOUT3 = "High-Z".
Application
• Rechargeable lithium-ion battery pack
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S-8229AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8229AAC-M6T1U ABLIC-S-8229AAC-M6T1U Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
More results

Similar Description - S-8229AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com