Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6049B-FP Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U6049B-FP
Description  Radiator Fan Controlled Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6049B-FP Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U6049B-FP Datasheet HTML 1Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 2Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 3Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 4Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 5Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 6Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 7Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
U6049B
TELEFUNKEN Semiconductors
Rev. A3, 04-Feb-97
3 (8)
Oscillator, Pin 6
Oscillator frequency, f, is determined mainly by
R2C2-circuit. Resistance R2 determines the charge time,
whereas the integrated resistance (2 k
W) is responsible
for discharge time. For the stability of the oscillator
frequency, it is recommended to select R2 much greater
than internal resistance (2 k
W), because the temperature
response and the tolerances of the integrated resistance
are considerably greater than the external resistance
value.
Oscillator frequency, f, is calculated as follows:
f
+
1
t
1
) t
2
where
t1 = charge time =
a1
R2
C2
t2 = discharge time =
a2@2 kW@C2
a1 and a2 are constants and has
a1 = 0.833 and a2 = 1.551 when C2 = 470 pF to 10 nF
a1 = 0.746 and a2 = 1.284 when C2 = 10 nF to 4700 nF
Debounce time, t3, and the delay time, td, depend on the
oscillator frequency, f, as follows:
t
3
+ 6
1
f
t
d
+ 73728
1
f
Table 1 shows relationships between t3, td, C2, R2 and
frequencies from 1 Hz to 20 kHz.
Output, Pin 2
Output Pin 2 is an open-collector Darlington circuit with
integrated 23-V Z-diode for limitation of the inductive
cut–off pulse of the relay coil. The maximum static
collector current must not exceed 300 mA and the satura-
tion voltage is typically 1.1 V @ 200 mA.
Interference Voltages and Load-Dump
The IC supply is protected by R1, C1, and an integrated
Z-diode, while the inputs are protected by a series resistor,
integrated Z-diode and RF-capacitor.
The relay control output is protected via the integrated
23-V Z-diode in the case of short interference peaks. It is
switched to conductive condition for a battery voltage of
greater than approx. 40 V in the case of load-dump. The
output transistor is dimensioned so that it can withstand
the current produced.
Power-on Reset
When the operating voltage is switched on, an internal
power-on reset pulse (POR) is generated which sets the
logic of the circuits to a defined initial condition. The
relay control output is disabled.
7 V
15 pF
20 k
W
+
2 V
Pin 3
20 k
W
94 8813
100 nF
Ignition
Terminal 15
Figure 5. Input circuit for ignition (Pin 3)
7 V
15 pF
+
Pin 4, 5
94 8815
Figure 6. Input circuit Pin 4 and Pin 5
Relay Control Output behavior, Pin 2
The U6049B controls the cooling fan motor in an automo-
bile by means of a relay.
Figure 5 shows the internal input circuit of ignition
(Pin 3). It has an integrated pull-down resistor (20 k
W),
RF-capacitor (15 pF) and 7-V Z-diode. It reacts to volt-
ages greater than 2 V.
For the programming input, Pin 5, and thermal switch
input, Pin 4, there is neither a pull-up nor pull-down resis-
tor integrated internally (see figure 6).
One can reduce the standby current through the internal
Z-diode by selecting a higher value for resistance R4 (see
figure 8, R4 up to 200 k
W). Resistance R5 determines the
contact current through the thermal control switch, Sth.
Ignition input (terminal 15) is not debounced. De-
bouncing can be achieved by an external circuit (R3,C3)
connected to Pin 3 (see figures 1 and 7).


Similar Part No. - U6049B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U6043B ATMEL-U6043B Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B-FP ATMEL-U6043B-FP Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U6043B-MFPG3Y ATMEL-U6043B-MFPG3Y Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B-MFPY ATMEL-U6043B-MFPY Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
More results

Similar Description - U6049B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6044B TEMIC-U6044B Datasheet
109Kb / 7P
   Radiator fan controlled timer
logo
LSI Computer Systems
LS7217 LSI-LS7217_14 Datasheet
262Kb / 6P
   PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
logo
Hirose Electric
AT-1000 HIROSE-AT-1000 Datasheet
48Kb / 2P
   High Power Fixed Attenuators (Radiator built-in)
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com