Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8225BAA-TCT1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8225BAA-TCT1U
Description  BATTERY MONITORING IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8225BAA-TCT1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8225BAA-TCT1U Datasheet HTML 1Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8225BAA-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S-8225B Series
Rev.1.5_01
4
Pin Configuration
1. 16-Pin TSSOP
5
4
6
8
7
2
3
1
12
13
11
9
10
15
14
16
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
CTLD
DO control pin
2
CTLC
CO control pin
3
CO
Output pin for overcharge detection
4
DO
Output pin for overdischarge detection
5
SEL1
Switching pins for 3-serial to 5-serial cell*1
6
SEL2
7
CDT
Capacitor connection pin for delay for overdischarge detection voltage
8
CCT
Capacitor connection pin for delay for overcharge detection voltage
9
VSS
Input pin for negative power supply,
connection pin for negative voltage of battery 5
10
VC6
Connection pin for negative voltage of battery 5
11
VC5
Connection pin for negative voltage of battery 4,
connection pin for positive voltage of battery 5
12
VC4
Connection pin for negative voltage of battery 3,
connection pin for positive voltage of battery 4
13
VC3
Connection pin for negative voltage of battery 2,
connection pin for positive voltage of battery 3
14
VC2
Connection pin for negative voltage of battery 1,
connection pin for positive voltage of battery 2
15
VC1
Connection pin for positive voltage of battery 1
16
VDD
Input pin for positive power supply,
connection pin for positive voltage of battery 1
*1. Refer to "7. SEL pin" in " Operation" for setting of the SEL1 pin and the SEL2 pin.


Similar Part No. - S-8225BAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8225BAA-TCT1U ABLIC-S-8225BAA-TCT1U Datasheet
608Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.6_00
More results

Similar Description - S-8225BAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com