Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5020M Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U5020M
Description  Digital Window Watchdog Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U5020M Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U5020M Datasheet HTML 1Page - TEMIC Semiconductors U5020M Datasheet HTML 2Page - TEMIC Semiconductors U5020M Datasheet HTML 3Page - TEMIC Semiconductors U5020M Datasheet HTML 4Page - TEMIC Semiconductors U5020M Datasheet HTML 5Page - TEMIC Semiconductors U5020M Datasheet HTML 6Page - TEMIC Semiconductors U5020M Datasheet HTML 7Page - TEMIC Semiconductors U5020M Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
U5020M
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A3, 27-Feb-97
1 (8)
Digital Window Watchdog Timer
Description
The digital window watchdog timer, U5020M, is a CMOS
integrated circuit. In application where safety is critical,
it is especially important to monitor the microcontroller.
Normal microcontroller operation is indicated by a cycli-
cally transmitted trigger signal, which is received by a
window watchdog timer within a defined time window. A
missing or a wrong trigger signal makes the watchdog
timer reset the microcontroller. The IC is tailored for
microcontrollers which can work in both full-power and
sleep mode. With an additional voltage monitoring
(power-on reset and supply voltage drop reset) U5020M
offers a complete monitoring solution for microsystems
in automotive and industrial applications.
Features
D Low current consumption: IDD < 100 mA
D RC–oscillator
D Internal reset during power-up and supply voltage
drops (POR)
D “Short” trigger window for active mode
“long” trigger window for sleep mode
D Cyclical wake-up of microcontroller in sleep mode
D Trigger input
D Six wake-up inputs
D Reset output
D Enable output
Ordering Information
Extended Type Number
Package
Remarks
U5020M–FP
SO16
Block Diagram
Input signal
conditioning
OSC
POR
12
11
Power–on
reset
16
10
Mode
Trigger
RC
Oscillator
State machine
POR
OSC
Reset
mC
Test logic
3–8
2
1
Test
Test
Wake up
External
switching
circuitry
Input ts
9
14
Enable
GND
15
13
VDD
C
10 nF
R1
C1
VDD
OSC
95 10387
Figure 1. Block diagram with external circuit


Similar Part No. - U5020M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5020M-FP ATMEL-U5020M-FP Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
More results

Similar Description - U5020M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com