Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RARSFP-11V-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RARSFP-11V-00
Description  6" LIF, POS LOCK, .250, FLAG, DOUBLE-END LEADS, BRASS, F-F
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RARSFP-11V-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RARSFP-11V-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C
B
A
4
3
2
1
D
C
B
A
4
3
2
1
DRAWING NO. & REVISION
GAM-164
REVISED
3/16/2016
ASSEMBLY PART NO.
ARASRSFRASRSF16K152A
DRAWN BY
STEVEN PILKINGTON
CHECK ED BY
JUSTIN BAKER
REV.
DESCRIPTION
DATE
BY
DIMENSIONS
All dimensions are in MM with a
tolerance of +/- 3.0 unless
otherwise specified.
ITEM
CONNECTOR PART NO.
DESCRIPTION
1
RASRSF-61-250A
RIGHT-ANGLE RSF CONTACT, BRASS
2
UL1015, 16 AWG
BLACK
Applicable Tooling
APPLICATOR
IPI CHECK
EOR CHECK
SCALE
1: 1
(186.3 +/- 5.0)
152.4 +/- 5.0
2
1
1
DESCRIPTION
6" LIF, POS LOCK, .250, FLAG, DOUBLE-END LEADS, BRASS, F-F
CUSTOMER NAME
CUSTOMER PART NO.
NO. OF CIRCUITS
KEYLESS HOUSING
PART NO.
COVER PART NO.
2
RARSFP-2V-00
RARSFC-2V
3
RARSFP-3V-00
RARSFC-3V
4
RARSFP-4V-00
RARSFC-4V
5
RARSFP-5V-00
RARSFC-5V
6
RARSFP-6V-00
RARSFC-6V
7
RARSFP-7V-00
RARSFC-7V
8
RARSFP-8V-00
RARSFC-8V
9
RARSFP-9V-00
RARSFC-9V
10
RARSFP-10V-00
RARSFC-10V
11
RARSFP-11V-00
RARSFC-11V
12
RARSFP-12V-00
RARSFC-12V
Other housings and configurations are
available. Please contact JST for details.
Applicable Housings


Similar Part No. - RARSFP-11V-00

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RAR-01-B DBLECTRO-RAR-01-B Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
RAR-01-B-T DBLECTRO-RAR-01-B-T Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
RAR-01-K DBLECTRO-RAR-01-K Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
RAR-01-K-T DBLECTRO-RAR-01-K-T Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
RAR-01-R DBLECTRO-RAR-01-R Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com