Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4285BM Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U4285BM
Description  AM / FM - PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4285BM Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U4285BM Datasheet HTML 1Page - TEMIC Semiconductors U4285BM Datasheet HTML 2Page - TEMIC Semiconductors U4285BM Datasheet HTML 3Page - TEMIC Semiconductors U4285BM Datasheet HTML 4Page - TEMIC Semiconductors U4285BM Datasheet HTML 5Page - TEMIC Semiconductors U4285BM Datasheet HTML 6Page - TEMIC Semiconductors U4285BM Datasheet HTML 7Page - TEMIC Semiconductors U4285BM Datasheet HTML 8Page - TEMIC Semiconductors U4285BM Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
U4285BM
TELEFUNKEN Semiconductors
Rev. A3, 14-May-97
1 (10)
AM / FM - PLL
Description
The U4285BM is an integrated circuit in BICMOS
technology for frequency synthesizers. It performs all the
functions of a PLL radio tuning system and is controlled
by an I2C bus. The device is designed for all frequency
synthesizer applications in radio receivers, as well as
RDS ( Radio Data System ) applications.
Features
D Reference oscillator up to 15 MHz
D Two programmable 16 bit dividers
adjustable from 2 to 65535
D Fine tuning steps:
AM
y 1 kHz
FM
y 2 kHz
D 4 programmable switching outputs
(open drain up to 15 V)
D Few external component required due to
integrated loop-push-pull stage for AM/FM
D High signal/ noise ratio
Ordering Information
Extended Type Number
Package
Remarks
U4285BM-AFS
SSO20 plastic
U4285BM-AFSG3
SSO20 plastic
Taping according to IEC-286-3
Block Diagram
R-divider
N-divider
I2C bus
interface
Oscillator
Phase
Current
sources
Switching outputs
AM/FM
18
19
2
3
4
9
11
OSCOUT
OSCIN
SCL
AS
FMOSC
AMOSC
SDA
56
78
10
1
20
SWO1
SWO4
SWO2 SWO3
14
15
16
17
12
13
PDAM
PDAMO
VA
C
PDFMO
PDFM
GND2
GND1
DD
V
95 10120
switch
detector
Figure 1.


Similar Part No. - U4285BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
   Reference Oscillator up to 15 MHz
More results

Similar Description - U4285BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
   AM/FM PLL with 1 Switch
logo
NXP Semiconductors
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com