Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A06DS06DS28W51B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A06DS06DS28W51B
Description  2.0 mm Pitch DS Standard Catalog Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A06DS06DS28W51B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A06DS06DS28W51B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C
B
A
4
3
2
1
D
C
B
A
4
3
2
1
DRAWING NO. & REVISION
GAM-028
REVISED
3/4/2016
ASSEMBLY PART NO.
SEE TABLE 1
DESCRIPTION
2.0 mm Pitch DS Standard Catalog Assembly - 2" Overall Len gth – Pin out: 1 to N
CUSTOMER NAME
CUSTOMER PART NO.
DRAWN BY
STEVEN PILKINGTON
CHECK ED BY
JUSTIN BAKER
REV.
DESCRIPTION
DATE
BY
DIMENSIONS
All dimensions are in MM with a
tolerance of +/- 3.0 unless
otherwise specified.
ITEM
CONNECTOR PART NO.
DESCRIPTION
1
See Table 1
DS CONNECTOR
2
UL1061, 28 AWG
WHITE
Applicable Tooling
BCD
PIN 1
IPI CHECK
EOR CHECK
SCALE
1: 1
(59.4 +/- 3.0)
50.8 +/- 3.0
PIN 1
2
1
1
ITEM
NUMBER OF
CIRCUITS
CONNECTOR
PART NO.
ASSEMBLY PART NUMBER
TOTAL WIRE
REQUIRED
1
2
02DS-8E
A02DS02DS28W51B
101.6
1
3
03DS-8E
A03DS03DS28W51B
152.4
1
4
04DS-8E
A04DS04DS28W51B
203.2
1
5
05DS-8E
A05DS05DS28W51B
254.0
1
6
06DS-8E
A06DS06DS28W51B
304.8
1
7
07DS-8E
A07DS07DS28W51B
355.6
1
8
08DS-8E
A08DS08DS28W51B
406.4
1
9
09DS-8E
A09DS09DS28W51B
457.2
1
10
10DS-8E
A10DS10DS28W51B
508.0
1
11
11DS-8E
A11DS11DS28W51B
558.8
1
12
12DS-8E
A12DS12DS28W51B
609.6
1
13
13DS-8E
A13DS13DS28W51B
660.4
1
14
14DS-8E
A14DS14DS28W51B
711.2
1
15
15DS-8E
A15DS15DS28W51B
762.0
TABLE 1


Similar Part No. - A06DS06DS28W51B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A06 DBLECTRO-A06 Datasheet
276Kb / 1P
   HIGH DENSITY IDC SOCKET
logo
XP Power Limited
A06 XPPOWER-A06 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
A06-LFR FRONTIER-A06-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Tripp Lite. All Rights ...
A060-006 TRIPPLITE-A060-006 Datasheet
156Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M/M), 6-ft.
A060-012 TRIPPLITE-A060-012 Datasheet
156Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M/M), 12-ft.
More results

Similar Description - A06DS06DS28W51B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A02KR02KR26E51A ETC2-A02KR02KR26E51A Datasheet
240Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 2
02DA-8M ETC2-02DA-8M Datasheet
230Kb / 1P
   2.0 mm Pitch DA to KR Standard Catalog Assembly
02XSR-36S ETC2-02XSR-36S Datasheet
154Kb / 1P
   0.6 mm Pitch XSR Standard Catalog Assembly
A02KR02KR26E305A ETC2-A02KR02KR26E305A Datasheet
240Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 12 Overall Length Pin out 1 to 1
A02KR02KR26E51B ETC2-A02KR02KR26E51B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 2" Overall Length ??Pin out: 1 to N
A02KR02KR26E305B ETC2-A02KR02KR26E305B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 12 Overall Length Pin out: 1 to N
A02KR02KR26E152B ETC2-A02KR02KR26E152B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 6 Overall Length ??Pin out 1 to N
A02XSR02XSR36R51A ETC2-A02XSR02XSR36R51A Datasheet
181Kb / 1P
   0.6 mm Pitch XSR Standard Catalog Assembly - 2 Overall Length Pin out 1 to 1
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com