Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OBR4200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OBR4200
Description  Verify quality of optical fiber cable assemblies, connectors and short-run networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OBR4200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OBR4200 Datasheet HTML 1Page - List of Unclassifed Manufacturers OBR4200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTICAL BACKSCATTER REFLECTOMETERTM
(Model OBR 4200)
www.lunainc.com
3157 State Street | Blacksburg, VA 24060
solutions@lunainc.com
Support phone: 1.866.586.2682
Top: OBR 4200 measurement of an optical fiber
harness with a bend loss and splice loss
Bottom: Easily distinguishable bend loss 7 cm
before a connection
The Luna OBR 4200 offers unprecedented,
field-portable diagnostics capabilities to
manufacturers and installers of fiber optic
modules and short-run networks.
KEY FEATURES AND PRODUCT HIGHLIGHTS
Verify quality of optical fiber cable assemblies, connectors
and short-run networks
Troubleshoot and distinguish between macro-bends,
splices, connectors and breaks
Locate insertion loss points – save hours of
troubleshooting time
Verify return loss of multiple points in a fiber assembly or
harness simultaneously
Verify and maintain aircraft and shipboard networks
Customize GUI for automated pass/fail verification of your
fiber assembly using software development kit
The Luna OBR 4200 is the industry’s only portable,
ultra-high resolution reflectometer with backscatter-level
sensitivity designed to test short networks. In a small,
rugged, easily transportable platform, the OBR 4200
provides the capability to “see” any event in a fiber
assembly or network out to 500 meters with no dead-
zone and millimeter resolution. With industry-leading
sensitivity and resolution in a portable platform, the
OBR 4200 is the ultimate tool for manufacturing and
on-site inspection and troubleshooting of your fiber optic
network.
MEASUREMENT PERFORMANCE HIGHLIGHTS
< 3 mm spatial resolution
500 m length range with no dead-zone
-120 dB sensitivity
0.1 dB insertion loss resolution


Similar Part No. - OBR4200

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR4000-18GM60-E4-1C PF-OBR4000-18GM60-E4-1C Datasheet
883Kb / 4P
   Retroreflective sensor
2022-05-31
OBR4000-18GM60-E4-V1-1C PF-OBR4000-18GM60-E4-V1-1C Datasheet
1Mb / 4P
   Retroreflective sensor
2022-05-31
OBR4000-18GM60-E5-1C PF-OBR4000-18GM60-E5-1C Datasheet
883Kb / 4P
   Retroreflective sensor
2022-05-31
OBR4000-18GM60-E5-V1-1C PF-OBR4000-18GM60-E5-V1-1C Datasheet
1Mb / 4P
   Retroreflective sensor
2022-05-31
logo
List of Unclassifed Man...
OBR4600 ETC2-OBR4600 Datasheet
825Kb / 4P
   Easily locate, identify and troubleshoot macro-bends,splices, connectors and breaks
More results

Similar Description - OBR4200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
48391 MOLEX-48391 Datasheet
2Mb / 5P
   USB 3.0 Connectors and Cable Assemblies
Rev. 1
86085-0000 MOLEX-86085-0000 Datasheet
162Kb / 2P
   Optical Break-Out Cable Assemblies
86181-0000 MOLEX-86181-0000 Datasheet
148Kb / 4P
   Fiber Optic MT and MTP / MPO Cable Assemblies
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
logo
List of Unclassifed Man...
MC2007-3 ETC2-MC2007-3 Datasheet
301Kb / 18P
   Passive Optical Networks
logo
Assmann Electronics Inc...
A-FB-00BLMA-LL2-R ASSMANN-A-FB-00BLMA-LL2-R Datasheet
255Kb / 2P
   WATERPROOF FIBER OPTICAL CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com