Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2405B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U2405B
Description  Fast Charge Controller for Drained NiCd/NiMH Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2405B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U2405B Datasheet HTML 1Page - TEMIC Semiconductors U2405B Datasheet HTML 2Page - TEMIC Semiconductors U2405B Datasheet HTML 3Page - TEMIC Semiconductors U2405B Datasheet HTML 4Page - TEMIC Semiconductors U2405B Datasheet HTML 5Page - TEMIC Semiconductors U2405B Datasheet HTML 6Page - TEMIC Semiconductors U2405B Datasheet HTML 7Page - TEMIC Semiconductors U2405B Datasheet HTML 8Page - TEMIC Semiconductors U2405B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
U2405B
TELEFUNKEN Semiconductors
Rev. A2, 14-Nov-96
2 (17)
Pin Description
Package: DIP18
18
10
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
Output
GND
LED2
LED1
93 7723 e
V
öi
tp
Vsync
ö
C
ö
R
VRef
Osc
STM.
VS
VBatt
OPO
OPI
Tmax
Sensor
Package: SO20
18
10
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
Output
GND
LED2
LED1
94 8594
20
19
V
öi
OPO
tp
NC
VBatt
STM.
Osc
VRef
ö
R
ö
C
Vsync
VS
NC
OPI
Tmax
Sensor
Pin
Symbol
Function
1
Output
Trigger output
2
GND
Ground
3
LED2
Display output “Green”
4
V
öi
Phase angle control input voltage
5
OPO
Operational amplifier output
6
OPI
Operational amplifier input
7
Tmax
Maximum temperature
8
Sensor
Temperature sensor
9
tp
Charge break output
10
VBatt
Battery voltage
11
LED1
LED display output “Red”
12
STM.
Test mode switch (status control)
13
Osc
Oscillator
14
VRef
Reference output voltage
15
VS
Supply voltage
16
ö
R
Ramp current adjustment –
resistance
17
ö
C
Ramp voltage – capacitance
18
Vsync.
Mains synchronization input
Pin
Symbol
Function
1
Output
Trigger output
2
GND
Ground
3
LED2
Display output “Green”
4
V
öi
Phase angle control input voltage
5
OPO
Operational amplifier output
6
OPI
Operational amplifier input
7
NC
Not connected
8
Tmax
Maximum temperature
9
Sensor
Temperature sensor
10
tp
Charge break output
11
VBatt
Battery voltage
12
LED1
LED display output “Red”
13
STM.
Test mode switch (status control)
14
Osc
Oscillator
15
VRef
Reference output voltage
16
NC
Not connected
17
VS
Supply voltage
18
ö
R
Ramp current adjustment –
resistance
19
ö
C
Ramp voltage – capacitance
20
Vsync.
Mains synchronization input


Similar Part No. - U2405B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
U2400 INTEL-U2400 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
TEMIC Semiconductors
U2400B TEMIC-U2400B Datasheet
885Kb / 15P
   Charging of Batteries with Automatic Pre-Discharge
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2403B TEMIC-U2403B Datasheet
164Kb / 12P
   Charge Timer
U2407B TEMIC-U2407B Datasheet
294Kb / 16P
   Simple Controller for Fast Charge Systems
More results

Similar Description - U2405B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
logo
Texas Instruments
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com