Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13176D Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC13176D
Description  UHF FM/AM TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13176D Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC13176D Datasheet HTML 4Page - Motorola, Inc MC13176D Datasheet HTML 5Page - Motorola, Inc MC13176D Datasheet HTML 6Page - Motorola, Inc MC13176D Datasheet HTML 7Page - Motorola, Inc MC13176D Datasheet HTML 8Page - Motorola, Inc MC13176D Datasheet HTML 9Page - Motorola, Inc MC13176D Datasheet HTML 10Page - Motorola, Inc MC13176D Datasheet HTML 11Page - Motorola, Inc MC13176D Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MC13175 MC13176
8
MOTOROLA RF/IF DEVICE DATA
Figure 11. Block Diagram of MC1317XD PLL
fo = nfi
N = 8 : MC13175
N = 32 : MC13176
Kn = 1/N
Divider
θo(s)
Pins 13,14
Ko = 0.91Mrad/sec/µA
Amplifier and
Current Controlled
Oscillator
Pin 6
Low Pass
Filter
Kf
θn(s) = θo(s)/N
Pin 7
θe(s)
Kp = 30 µA/rad
Phase
Detector
fn = fo/N
Pins 9,8
fi = f ref
θi(s)
Kp
Kf
Kn
Ko
Ko
= Phase detector gain constant in
=
µA/rad; Kp = 30 µA/rad
= Filter transfer function
= 1/N; N = 8 for the MC13175 and
= 1/N; N = 32 for the MC13176
= CCO gain constant in rad/sec/
µA
= 9.1 x 105 rad/sec/
µA
Where:
Loop Filtering
The fundamental loop characteristics, such as capture
range, loop bandwidth, lock–up time and transient response
are controlled externally by loop filtering.
The natural frequency (
ωn) and damping factor (∂) are
important in the transient response to a step input of phase or
frequency. For a given
∂ and lock time, ωn can be determined
from the plot shown in Figure 12.
Figure 12. Type 2 Second Order Response
0
ωnt
1.0
2.0 3.0
4.0 5.0 6.0
7.0
8.0 9.0
10
11
12 13
0.8
1.9
0.4
0.6
0.7
0.2
0.3
0.5
1.5
2.0
ζ = 0.1
1.0
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
For
∂ = 0.707 and lock time = 1.0 ms;
then
ωn = 5.0/t = 5.0 krad/sec.
The loop filter may take the form of a simple low pass
filter or a lag–lead filter which creates an additional pole at
origin in the loop transfer function. This additional pole
along with that of the CCO provides two pure integrators
(1/s2). In the lag–lead low pass network shown in Figure
13, the values of the low pass filtering parameters R1, R2
and C determine the loop constants
ωn and ∂. The
equations t1 = R1C and t2 = R2C are related in the loop filter
transfer functions F(s) = 1 + t2s/1 + (t1 + t2)s.
Figure 13. Lag–Lead Low Pass Filter
VO
C
R2
R1
Vin
The closed loop transfer function takes the form of a 2nd
order low pass filter given by,
H(s) = KvF(s)/s + KvF(s)
From control theory, if the loop filter characteristic has F(0) =
1, the DC gain of the closed loop, Kv is defined as,
Kv = KpKoKn
and the transfer function has a natural frequency,
ωn = (Kv/t1 + t2)1/2
and a damping factor,
∂ = (ωn/2) (t2 + 1/Kv)
Rewriting the above equations and solving for the MC13176
with
∂ = 0.707 and ωn = 5.0 k rad/sec:
Kv = KpKoKn = (30) (0.91  106) (1/32) = 0.853  106
t1 + t2 = Kv/ωn2 = 0.853  106/(25  106) = 34.1 ms
t2 = 2∂/ωn = (2) (0.707)/(5  103) = 0.283 ms
t1 = (Kv/ωn2) – t2= (34.1 – 0.283) = 33.8 ms


Similar Part No. - MC13176D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176D MOTOROLA-MC13176D Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - MC13176D

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com