Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13173 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC13173
Description  INFRARED TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13173 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC13173 Datasheet HTML 5Page - Motorola, Inc MC13173 Datasheet HTML 6Page - Motorola, Inc MC13173 Datasheet HTML 7Page - Motorola, Inc MC13173 Datasheet HTML 8Page - Motorola, Inc MC13173 Datasheet HTML 9Page - Motorola, Inc MC13173 Datasheet HTML 10Page - Motorola, Inc MC13173 Datasheet HTML 11Page - Motorola, Inc MC13173 Datasheet HTML 12Page - Motorola, Inc MC13173 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC13173
9
MOTOROLA ANALOG IC DEVICE DATA
Table 3. PIN FUNCTION DESCRIPTION (continued) (TA = 25°C, VCC = 5.0 Vdc, fREF = 32.768 kHz, fMOD = 32.768 kHz)
Pin
Symbol
Description
Internal Equivalent
Circuit
Waveform
9,
10
IF Dec
IF decoupling as
shown in Figure 15.
See Circuit for Pin 8.
11
IF Out
IF Output.
ZO = 330 Ω.
–20 dBm RF input
level. Output is
sinusoidal with lower
drive levels.
VCC
VEE
11
13
Lim In
Limiter input.
ZIn = 330 Ω.
VCC
15
13
14,
15
Lim Dec
External limiter
decoupling as shown
in application circuit.
VEE
13
14
16
RSSI
Received Signal
Strength Indicator
Output. (See
Figure 13)
17
Carrier
Detect
Logic output of the
carrier detect
comparator.
VEE
17
18
Quad
Coil
Quadrature tuning
circuit.
Modulated 10.7 MHz
IF.
Measured with a low
capacitance FET
probe.
VCC
VEE
18
5 p
19
Demod
Demodulated signal
output measured at
the pin (before
filtering).
Modulation =
32.768 kHz
sine wave.
VCC
VEE
19


Similar Part No. - MC13173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175D MOTOROLA-MC13175D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
More results

Similar Description - MC13173

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
   Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 22-Oct-2018
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
   INFRARED DATA TRANSCEIVER
logo
CITIZEN ELECTRONICS CO....
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com