Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8212 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCS8212
Description  Silicon N Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8212 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCS8212 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCS8212
2002-01-17
6
Drain-source voltage VDS (V)
rth − tw
0.001
0.01
0.1
1
10
100
1000
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
(1)
0.1
1
0.3
0.5
3
5
10
30
50
100
300
1000
500
(2)
(3)
(4)
Single pulse
Pulse width tw (S)
0.01
0.03
0.1
0.3
1
3
10
100
30
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
100
50
* Single pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
10 ms *
1 ms *
VDSS max
Single-device value at dual
operation
(Note 3b)
Safe operating area


Similar Part No. - TPCS8212

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
More results

Similar Description - TPCS8212

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6003 TOSHIBA-TPC6003_07 Datasheet
236Kb / 7P
   Silicon N Channel MOS Type (U-MOSIII)
TPC8108 TOSHIBA-TPC8108 Datasheet
342Kb / 7P
   Silicon P Channel MOS Type (U-MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
   Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com