Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EE2-4.5TNUX-L Datasheet(PDF) 4 Page - Kemet Corporation

Part No. EE2-4.5TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-4.5TNUX-L Datasheet(HTML) 4 Page - Kemet Corporation

  EE2-4.5TNUX-L Datasheet HTML 1Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 2Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 3Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 4Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 5Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 6Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 7Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 8Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, leave blank for Non-latch, insert S for Single coil, or T for Double coil. Designates latch type.
1
NKX type only available as Non-latch. Non-standard part, please contact KEMET to special order.
Part Number
Nominal Coil Voltage
(VDC)
Lead Type
Packaging
EC2-3(1)NU
3
Radial
Tube
EC2-4.5(1)NU
4.5
Radial
Tube
EC2-5(1)NU
5
Radial
Tube
EC2-12(1)NU
12
Radial
Tube
EC2-24(1)NU
24
Radial
Tube
EE2-3(1)NU
3
Surface mount
Tube
EE2-4.5(1)NU
4.5
Surface mount
Tube
EE2-5(1)NU
5
Surface mount
Tube
EE2-12(1)NU
12
Surface mount
Tube
EE2-24(1)NU
24
Surface mount
Tube
EE2-3(1)NU-L
3
Surface mount
Tape on Reel
EE2-4.5(1)NU-L
4.5
Surface mount
Tape on Reel
EE2-5(1)NU-L
5
Surface mount
Tape on Reel
EE2-12(1)NU-L
12
Surface mount
Tape on Reel
EE2-24(1)NU-L
24
Surface mount
Tape on Reel
EE2-3(1)NUH
3
Surface mount, Minimum footprint
Tube
EE2-4.5(1)NUH
4.5
Surface mount, Minimum footprint
Tube
EE2-5(1)NUH
5
Surface mount, Minimum footprint
Tube
EE2-12(1)NUH
12
Surface mount, Minimum footprint
Tube
EE2-24(1)NUH
24
Surface mount, Minimum footprint
Tube
EE2-3(1)NUH-L
3
Surface mount, Minimum footprint
Tape on Reel
EE2-4.5(1)NUH-L
4.5
Surface mount, Minimum footprint
Tape on Reel
EE2-5(1)NUH-L
5
Surface mount, Minimum footprint
Tape on Reel
EE2-12(1)NUH-L
12
Surface mount, Minimum footprint
Tape on Reel
EE2-24(1)NUH-L
24
Surface mount, Minimum footprint
Tape on Reel
EE2-3(1)NUX
3
Surface mount, High solder joint reliability
Tube
EE2-4.5(1)NUX
4.5
Surface mount, High solder joint reliability
Tube
EE2-5(1)NUX
5
Surface mount, High solder joint reliability
Tube
EE2-12(1)NUX
12
Surface mount, High solder joint reliability
Tube
EE2-24(1)NUX
24
Surface mount, High solder joint reliability
Tube
EE2-3(1)NUX-L
3
Surface mount, High solder joint reliability
Tape on Reel
EE2-4.5(1)NUX-L
4.5
Surface mount, High solder joint reliability
Tape on Reel
EE2-5(1)NUX-L
5
Surface mount, High solder joint reliability
Tape on Reel
EE2-12(1)NUX-L
12
Surface mount, High solder joint reliability
Tape on Reel
EE2-24(1)NUX-L
24
Surface mount, High solder joint reliability
Tape on Reel
EE2-3NKX1
3
Surface mount, High breakdown voltage, High solder joint reliability
Tube
EE2-4.5NKX1
4.5
Surface mount, High breakdown voltage, High solder joint reliability
Tube
EE2-12NKX1
12
Surface mount, High breakdown voltage, High solder joint reliability
Tube
EE2-3NKX-L1
3
Surface mount, High breakdown voltage, High solder joint reliability
Tape on Reel
EE2-4.5NKX-L1
4.5
Surface mount, High breakdown voltage, High solder joint reliability
Tape on Reel
EE2-12NKX-L1
12
Surface mount, High breakdown voltage, High solder joint reliability
Tape on Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn