Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EE2-4.5TNUX-L Datasheet(PDF) 16 Page - Kemet Corporation

Part No. EE2-4.5TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-4.5TNUX-L Datasheet(HTML) 16 Page - Kemet Corporation

Back Button EE2-4.5TNUX-L Datasheet HTML 10Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 11Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 12Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 13Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 14Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 15Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 16Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 17Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 18Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Notes on Using Relays cont’d
• Latching relays are factory-set to reset state for shipment. A latching relay may be set, however, by vibration or shock applied
while being transported. Be sure to forcibly reset the relay before using it in the application set. Also note that the relay may be
set by unexpected vibration or shock when it is used in a portable set.
• The sealability of a surface mount (SMT) relay may be lost if the relay absorbs and is then heated during soldering. When storing
relays, therefore, observe the following points:
1. Forstandardpacking,pleaseuserelayswithin12monthsafterdelivery(storageconditions:30°C/60%RH).Iftherelays
have moisture absorption, dehumidify as follows:
–TapePackaging:50±5°C,200–300hours.
–SimpleRelay:85±5°C,48hours.
2.ForMBBpacking,pleaseuserelayswithin2yearsafterdelivery(storageconditions:30°C/60%RH).AfteropeningMBB
packing,pleaseusewithin3months(storageconditions:30°C/60%RH).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn