Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EE2-4.5TNUX-L Datasheet(PDF) 13 Page - Kemet Corporation

Part No. EE2-4.5TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-4.5TNUX-L Datasheet(HTML) 13 Page - Kemet Corporation

Back Button EE2-4.5TNUX-L Datasheet HTML 9Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 10Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 11Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 12Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 13Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 14Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 15Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 16Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
APPEARANCE
500 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
B
0.4
A
15.5
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
500 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
B
0.4
A
15.5
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
500 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
B
0.4
A
15.5
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
Tube Packing – Millimeters
35 pieces / Tube (anti-static)
11.9
15.5
543
Direction of relay direction mark
Rubber stopper (Red)
Rubber stopper (Green)
Tape & Reel Packaging Information (EE2 only) – Millimeters
Appearance
Tape Dimensions
Relay Direction Mark and Tape Carrying Direction
Series
A
B
NU-L, NUX-L,
NKX-L
Maximum 10.9
10.0
NUH-L
Maximum 11.1
8.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn