Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EE2-4.5TNUX-L Datasheet(PDF) 9 Page - Kemet Corporation

Part No. EE2-4.5TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-4.5TNUX-L Datasheet(HTML) 9 Page - Kemet Corporation

Back Button EE2-4.5TNUX-L Datasheet HTML 5Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 6Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 7Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 8Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 9Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 10Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 11Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 12Page - Kemet Corporation EE2-4.5TNUX-L Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Coil Specifications cont’d
Non-latch, High Breakdown Voltage (NKX) Type (@ 20°C)
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Operating Voltage1
(VDC)
Release Voltage1
(VDC)
Nominal Operating
Power (mW)
3
39.1
2.25
0.3
230
4.5
88.0
3.38
0.45
230
12
626.0
9.0
1.2
230
1
Test by pulse voltage.
Recommended Relay Drive Conditions
Coil Type
Rating
Ambient Temperature
Non-latch
Voltage:≤±5%ofnominalvoltage
-40 to +85°C
Single Coil
Double Coil
Square pulse (rise and fall time is rapid)
Pulseheight:≤±5%ofnominalvoltage
Pulse Width: > 10 ms
Marking
Top view
050 1F
EC 2-5NU
JAPAN
050 1F
EC 2-5ND
JAPAN
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 12)
UL, CSA marking
Manufacturer
Country of origin
Date code
Part number
Direction mark
(pin No. 1 and 12)
TUV, UL, CSA marking


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn