Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE813QPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE813QPWRQ1
Description  Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE813QPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  CDCE813QPWRQ1 Datasheet HTML 1Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 2Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 3Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 4Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 5Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
Xin/CLK
14
Xout
2
S0
13
SDA/S1
3
VDD
12
SCL/S2
4
Vctr
11
Y1
5
GND
10
GND
6
VDDOUT
9
Y2
7
VDDOUT
8
Y3
3
CDCE813-Q1
www.ti.com
SNAS705 – JANUARY 2017
Product Folder Links: CDCE813-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
5 Description (continued)
The device supports nonvolatile EEPROM programming for easy customization of the device to the application.
All device settings are programmable through the I2C bus, a 2-wire serial interface.
The CDCE813-Q1 operates in a 1.8-V core environment as well as eliminating the need for additional,
independent XTAL oscillators which reduces component count and board size. It operates in a temperature
range of –40°C to 105°C.
6 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
5, 10
G
Ground
SCL/S2
12
I
SCL: serial clock input LVCMOS (default configuration), 500-kΩ internal pullup; or
S2: user-programmable control input, LVCMOS input, 500-kΩ internal pullup
SDA/S1
13
I/O or I
SDA: bidirectional serial data input or output (default configuration), LVCMOS internal pullup; or
S1: user-programmable control input, LVCMOS input, 500-kΩ internal pullup
S0
2
I
User-programmable control input S0, LVCMOS input, 500-kΩ internal pullup
Vctr
4
I
VCXO control voltage (leave open or pull up when not used)
VDD
3
P
1.8-V power supply for the device
VDDOUT
6, 7
P
CDCE813-Q1: 3.3-V or 2.5-V supply for all outputs
Xin/CLK
1
I
Crystal oscillator input or LVCMOS clock input (selectable through the I2C bus)
Xout
14
O
Crystal oscillator output (leave open or pull up when not used)
Y1
11
O
LVCMOS output
Y2
9
O
LVCMOS output
Y3
8
O
LVCMOS output


Similar Part No. - CDCE813QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE813QPWRQ1 TI1-CDCE813QPWRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results

Similar Description - CDCE813QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com