Electronic Components Datasheet Search |
|
UA2-5SNU-L Datasheet(PDF) 4 Page - Kemet Corporation |
|
UA2-5SNU-L Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 17 page 4 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com R7004_UA2_UB2 • 2/27/2014 Miniature Signal Relays – UA2/UB2 Series Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, leave blank for Non-latch or insert S for Single coil. Designates latch type. 1 Only available as Non-latch. Part Number Nominal Coil Voltage (VDC) Lead Type Packaging UA2-3(1)NU 3 Radial Tube UA2-4.5(1)NU 4.5 Radial Tube UA2-5(1)NU 5 Radial Tube UA2-12(1)NU 12 Radial Tube UA2-24NU1 24 Radial Tube UA2-3NE1 3 Radial, Low power consumption Tube UA2-4.5NE1 4.5 Radial, Low power consumption Tube UA2-5NE1 5 Radial, Low power consumption Tube UB2-3(1)NU 3 Surface mount Tube UB2-4.5(1)NU 4.5 Surface mount Tube UB2-5(1)NU 5 Surface mount Tube UB2-12(1)NU 12 Surface mount Tube UB2-24NU1 24 Surface mount Tube UB2-3NE1 3 Surface mount, Low power consumption Tube UB2-4.5NE1 4.5 Surface mount, Low power consumption Tube UB2-5NE1 5 Surface mount, Low power consumption Tube UB2-3(1)NU-L 3 Surface mount Tape on Reel UB2-4.5(1)NU-L 4.5 Surface mount Tape on Reel UB2-5(1)NU-L 5 Surface mount Tape on Reel UB2-12(1)NU-L 12 Surface mount Tape on Reel UB2-24NU-L1 24 Surface mount Tape on Reel UB2-3NE-L1 3 Surface mount, Low power consumption Tape on Reel UB2-4.5NE-L1 4.5 Surface mount, Low power consumption Tape on Reel UB2-5NE-L1 5 Surface mount, Low power consumption Tape on Reel UB2-3(1)NUN 3 Surface mount, Minimum footprint Tube UB2-4.5(1)NUN 4.5 Surface mount, Minimum footprint Tube UB2-5(1)NUN 5 Surface mount, Minimum footprint Tube UB2-12(1)NUN 12 Surface mount, Minimum footprint Tube UB2-24NUN1 24 Surface mount, Minimum footprint Tube UB2-3NEN1 3 Surface mount, Low power consumption, Minimum Footprint Tube UB2-4.5NEN1 4.5 Surface mount, Low power consumption, Minimum Footprint Tube UB2-5NEN1 5 Surface mount, Low power consumption, Minimum Footprint Tube UB2-3(1)NUN-L 3 Surface mount, Minimum footprint Tape on Reel UB2-4.5(1)NUN-L 4.5 Surface mount, Minimum footprint Tape on Reel UB2-5(1)NUN-L 5 Surface mount, Minimum footprint Tape on Reel UB2-12(1)NUN-L 12 Surface mount, Minimum footprint Tape on Reel UB2-24NUN-L1 24 Surface mount, Minimum footprint Tape on Reel UB2-3NEN-L1 3 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UB2-4.5NEN-L1 4.5 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UB2-5NEN-L1 5 Surface mount, Low power consumption, Minimum Footprint Tape on Reel |
Similar Part No. - UA2-5SNU-L |
|
Similar Description - UA2-5SNU-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |