Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2-5SNUN-L Datasheet(PDF) 12 Page - Kemet Corporation

Part # UC2-5SNUN-L
Description  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UC2-5SNUN-L Datasheet(HTML) 12 Page - Kemet Corporation

Back Button UC2-5SNUN-L Datasheet HTML 8Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 9Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 10Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 11Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 12Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 13Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 14Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 15Page - Kemet Corporation UC2-5SNUN-L Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7005_UC2_UD2 • 2/27/2014
Miniature Signal Relays – UC2/UD2 Series
APPEARANCE
1,200 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
1,200 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
1,200 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
Tube Packing – Millimeters
50 pieces / Tube (anti-static)
11.0
12.1
560
Direction of relay direction mark
Rubber stopper (Yellow)
Rubber stopper (Green)
Tape & Reel Packaging Information (UD2 only) – Millimeters
Appearance
Tape Dimensions
Relay Direction Mark and Tape Carrying Direction
Series
A
B
NU-L, NE-L
Maximum 6.2
9.2
NUN-L, NEN-L
Maximum 6.6
7.5


Similar Part No. - UC2-5SNUN-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
UC2-5SNU-L KEMET-UC2-5SNU-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-5SNUM-L KEMET-UC2-5SNUM-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results

Similar Description - UC2-5SNUN-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com