Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB2-3SNU-L Datasheet(PDF) 6 Page - Kemet Corporation

Part # UB2-3SNU-L
Description  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2-3SNU-L Datasheet(HTML) 6 Page - Kemet Corporation

Back Button UB2-3SNU-L Datasheet HTML 2Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 3Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 4Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 5Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 6Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 7Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 8Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 9Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Soldering Process
UA2 – Through-hole Mounting
Automatic Soldering
Preheating: 110–120°C / 110 seconds (maximum)
Solder temperature: 260°C maximum
Solder time: 5 seconds maximum
Note: KEMET recommends cooling down a printed circuit board to less than 110°C within 40 seconds after soldering.
Manual Soldering
Solder temperature: 350°C maximum
Solder time: 3 seconds maximum
UB2 – Surface Mounting
Note:
Temperatureprofileshowsprintedcircuitboardsurfacetemperatureontherelayterminalportion.
PleaseconsultKEMETifyouwishtouseatemperatureprofileotherthanabove.
IRS Method
200
180
190 (Maximum 300)
45 (Maximum 70)
70 (Maximum 120)
220
200
180
Temperature
(˚C)
220
Maximum 240˚C
Time (seconds)


Similar Part No. - UB2-3SNU-L

ManufacturerPart #DatasheetDescription
logo
NEC
UB2-3SNU-L NEC-UB2-3SNU-L Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
More results

Similar Description - UB2-3SNU-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com