Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F210 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS28F210
Description  65536 BY 16-BIT FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS28F210 Datasheet HTML 11Page - Texas Instruments TMS28F210 Datasheet HTML 12Page - Texas Instruments TMS28F210 Datasheet HTML 13Page - Texas Instruments TMS28F210 Datasheet HTML 14Page - Texas Instruments TMS28F210 Datasheet HTML 15Page - Texas Instruments TMS28F210 Datasheet HTML 16Page - Texas Instruments TMS28F210 Datasheet HTML 17Page - Texas Instruments TMS28F210 Datasheet HTML 18Page - Texas Instruments TMS28F210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TMS28F210
65536 BY 16-BIT
FLASH MEMORY
SMJS210D – DECEMBER 1992 – REVISED AUGUST 1997
15
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level output voltage
TTL
IOH = – 2.5 mA
2.4
V
VOH
High-level output voltage
CMOS
IOH = – 100 µA
VCC – 0.4
V
VOL
Low level output voltage
TTL
IOL = 5.8 mA
0.45
V
VOL
Low-level output voltage
CMOS
IOL = 100 µA
0.1
V
II
Input current (leakage)
All except A9
VI = 0 V to 5.5 V
±1
µA
II
Input current (leakage)
A9
VI = 0 V to 13 V
± 200
µA
IO
Output current (leakage)
VO = 0 V to VCC
±10
µA
IID
A9 algorithm-selection-mode current
A9 = VID max
± 200
µA
IPP1
VPP supply current (read/standby)
VPP = VPPH,
Read mode
200
µA
IPP1
VPP supply current (read/standby)
VPP = VPPL
±10
µA
IPP2
VPP supply current (during program pulse)
(see Note 4)
VPP = VPPH
50
mA
IPP3
VPP supply current (during flash erase)
(see Note 4)
VPP = VPPH
50
mA
IPP4
VPP supply current (during program/erase verify)
(see Note 4)
VPP = VPPH
5
mA
ICCS
VCC supply current (standby)
TTL-input level
VCC = 5.5 V,
E = VIH
1
mA
ICCS
VCC supply current (standby)
CMOS-input level
VCC = 5.5 V,
E = VCC
100
µA
ICC1
VCC supply current (active read)
VCC = 5.5 V,
E = VIL,
IOUT = 0 mA,
f = 6 MHz
50
mA
ICC2
VCC average supply current (active write)
(see Note 4)
VCC = 5.5 V,
E = VIL,
Programming in progress
10
mA
ICC3
VCC average supply current (flash erase)
(see Note 4)
VCC = 5.5 V,
E = VIL,
Erasure in progress
15
mA
ICC4
VCC average supply current (program/erase verify)
(see Note 4)
VCC = 5.5 V,
E = VIL,
VPP = VPPH,
Program /erase verify in progress
15
mA
NOTE 4: Characterization data available
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ci
Input capacitance
VI = 0 V,
f = 1 MHz
6
pF
Co
Output capacitance
VO = 0 V,
f = 1 MHz
12
pF
† Capacitance measurements are made on sample basis only.


Similar Part No. - TMS28F210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200AEB TI-TMS28F200AEB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AET TI-TMS28F200AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AEY TI-TMS28F200AEY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB TI-TMS28F200AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB60BDBJL TI-TMS28F200AFB60BDBJL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com