Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5844AA0BC-I4T1U3 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-5844AA0BC-I4T1U3
Description  TEMPERATURE SWITCH IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5844AA0BC-I4T1U3 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-5844AA0BC-I4T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-5844AA0BC-I4T1U3 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5844A Series
Rev.2.6_01
8
Absolute Maximum Ratings
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage (VSS = 0 V)
VDD
VSS
+ 6.0
V
Pin voltage
VTEST
VSS
− 0.3 to VDD + 0.3
V
Output voltage
CMOS output product
VDET
VSS
− 0.3 to VDD + 0.3
V
Nch open-drain output product
VSS
− 0.3 to VSS + 6.0
V
Output pin current
Pch driving current
IDETH
10
mA
Nch driving current
IDETL
10
mA
Power dissipation
SOT-23-5
PD
600*1
mW
SNT-4A
300*1
mW
HSNT-4 (1010)
340*1
mW
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−55 to +150
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.


Similar Part No. - S-5844AA0BC-I4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5844AA0BC-I4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com