Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-4002 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-BGA-4002
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-4002 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-BGA-4002 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-4002 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-4002 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-4002 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: Umer Qureshi
Scale: -
Rev: A
Date: 10/30/07
Modified:
File: CG-BGA-4002 Dwg
CG-BGA-4002 Drawing
1
2
Customer's PCB
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized 7075
Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized 7075
Aluminum.
Height = 27 mm, Fluted Knob
Socket Base: Black anodized 7075 Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized 7075 Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
alloy steel with black oxide finish, 0-80 Thread,
5/8" long.
Backing Plate: Black anodized 7075 Aluminum
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
4
8
9
10
7
Latch: Black anodized 7075 Aluminum.
10
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Elastomer Guide: Non-clad FR4.
Thickness = 0.75mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a
silicone rubber (63.5 degree angle).
Thickness = 0.75mm.
Top View
Side View
A
A
(Section AA)
49.225mm
[1.938"]
42.60mm
[1.677"]
Assembled 38mm
+ IC thickness


Similar Part No. - CG-BGA-4002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4000 IRONWOOD-CG-BGA-4000 Datasheet
237Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4005 IRONWOOD-CG-BGA-4005 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-BGA-4002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com