Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211DAL-M5T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8211DAL-M5T1G
Description  BATTERY PROTECTION IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211DAL-M5T1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8211DAL-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211D Series
Rev.6.5_02
8
Electrical Characteristics
1. Except detection delay time (Ta =
+25°C)
Table 9
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max. Unit
Test
Condi-
tion
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage
VCU
3.60 V to 4.50 V, adjustable
VCU
0.025
VCU
VCU
+
0.025
V
1
1
3.60 V to 4.50 V, adjustable,
Ta =
−5°C to +55°C*1
VCU
0.03
VCU
VCU
+
0.03
V
1
1
Overcharge release voltage
VCL
3.50 V to 4.40 V,
adjustable
VCL
≠ VCU
VCL
0.05
VCL
VCL
+
0.05
V
1
1
VCL = VCU
VCL
0.05
VCL
VCL
+
0.025
V
1
1
Overdischarge detection voltage
VDL
2.00 V to 3.00 V, adjustable
VDL
0.05
VDL
VDL
+
0.05
V
2
2
Overdischarge release voltage
VDU
2.00 V to 3.40 V,
Adjustable
VDU
≠ VDL
VDU
0.10
VDU
VDU
+
0.10
V
2
2
VDU = VDL
VDU
0.05
VDU
VDU
+
0.05
V
2
2
Discharge overcurrent detection voltage
VDIOV
0.05 V to 0.30 V, adjustable
VDIOV
0.015
VDIOV
VDIOV
+
0.015
V
3
2
Load short-circuiting detection voltage*2
VSHORT
0.30
0.50
0.70
V
3
2
Charger detection voltage
VCHA
−1.0
−0.7
−0.4
V
4
2
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charge function "available"
1.2
V
10
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge function "unavailable"
0.5
V
11
2
INTERNAL RESISTANCE
Resistance between VM pin and VDD pin
RVMD
VDD = 1.8 V, VVM = 0 V
100
300
900
k
Ω
5
3
Resistance between VM pin and VSS pin
RVMS
VDD = 3.5 V, VVM = 1.0 V
10
20
40
k
Ω
5
3
INPUT VOLTAGE
Operation voltage between VDD pin and VSS pin VDSOP1
1.5
8
V
Operation voltage between VDD pin and VM pin
VDSOP2
1.5
28
V
INPUT CURRENT (WITH POWER-DOWN FUNTION)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.5
μA
4
2
Current consumption during power-down
IPDN
VDD = VVM = 1.5 V
0.2
μA
4
2
INPUT CURRENT (WITHOUT POWER-DOWN FUNTION)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.5
μA
4
2
Current consumption during overdischarge IOPED
VDD = VVM = 1.5 V
0.3
2.0
3.5
μA
4
2
OUTPUT RESISTANCE
CO pin resistance "H"
RCOH
VCO = 3.0 V, VDD = 3.5 V, VVM = 0 V
2.5
5
10
k
Ω
6
4
CO pin resistance "L"
RCOL
VCO = 0.5 V, VDD = 4.5 V, VVM = 0 V
2.5
5
10
k
Ω
6
4
DO pin resistance "H"
RDOH
VDO = 3.0 V, VDD = 3.5 V, VVM = 0 V
2.5
5
10
k
Ω
7
4
DO pin resistance "L"
RDOL
VDO = 0.5 V, VDD = VVM = 1.8 V
2.5
5
10
k
Ω
7
4
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*2. In any conditions, load short-circuiting detection voltage (VSHORT) is higher than discharge overcurrent detection voltage
(VDIOV).


Similar Part No. - S-8211DAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8211DAL-M5T1G SII-S-8211DAL-M5T1G Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S-8211DAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com