Electronic Components Datasheet Search |
|
S-5844AA0CD-M5T1U3 Datasheet(PDF) 8 Page - Seiko Instruments Inc |
|
S-5844AA0CD-M5T1U3 Datasheet(HTML) 8 Page - Seiko Instruments Inc |
8 / 28 page TEMPERATURE SWITCH IC (THERMOSTAT IC) S-5844A Series Rev.2.6_01 8 Absolute Maximum Ratings Table 8 (Ta = +25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Power supply voltage (VSS = 0 V) VDD VSS + 6.0 V Pin voltage VTEST VSS − 0.3 to VDD + 0.3 V Output voltage CMOS output product VDET VSS − 0.3 to VDD + 0.3 V Nch open-drain output product VSS − 0.3 to VSS + 6.0 V Output pin current Pch driving current IDETH 10 mA Nch driving current IDETL 10 mA Power dissipation SOT-23-5 PD 600*1 mW SNT-4A 300*1 mW HSNT-4 (1010) 340*1 mW Operation ambient temperature Topr −40 to +125 °C Storage temperature Tstg −55 to +150 °C *1. When mounted on board [Mounted board] (1) Board size: 114.3 mm × 76.2 mm × t1.6 mm (2) Board name: JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. |
Similar Part No. - S-5844AA0CD-M5T1U3 |
|
Similar Description - S-5844AA0CD-M5T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |