Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7804ACC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TH7804ACC
Description  Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7804ACC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TH7804ACC Datasheet HTML 2Page - ATMEL Corporation TH7804ACC Datasheet HTML 3Page - ATMEL Corporation TH7804ACC Datasheet HTML 4Page - ATMEL Corporation TH7804ACC Datasheet HTML 5Page - ATMEL Corporation TH7804ACC Datasheet HTML 6Page - ATMEL Corporation TH7804ACC Datasheet HTML 7Page - ATMEL Corporation TH7804ACC Datasheet HTML 8Page - ATMEL Corporation TH7804ACC Datasheet HTML 9Page - ATMEL Corporation TH7804ACC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TH7804A
1989A–IMAGE–05/02
Notes:
1. Value measured with respect to zero reference level (see Figure 2).
2. Conversion factor is typically 1.5 µV/e-.
3.
∆R/R is defined as
where RA is responsivity of video output A, RB is responsivity of video output B.
4. Measured in Correlated Double Sampling (C.D.S.) mode.
Figure 3. Typical Spectral Response
Table 5. Electro-optical Performance
Parameter
Symbol
Value
Unit
Remark
Min.
Typ.
Max.
Saturation Output Voltage
V
SAT
1.3
1.8
2.3
V
(1) (2)
Saturation Exposure
ESAT
0.30
µJ/cm
2
Responsivity
R
4.5
6
V/µJ/cm
2
Responsivity Unbalance
∆R/R
2
8
%
(3)
Photo Response Non-uniformity
Peak-to-peak
PRNU
±3
±10
% VOS
VOS =50 mV
to 1V
Contrast Transfer Function at FN
(38 I p/mm)
CTF
70
%
V
OS =0.9V
Temporal Noise In Darkness
180
µVrms
(4)
Dynamic Range (Relative to rms
Noise)
DR
4000
6000
Average Dark Signal
V
DS
0.08
0.5
mV
Dark Signal Non-uniformity
Peak-to-peak
DSNU
0.15
0.5
mV
200 RA
RB
RA
RB
+
----------------------------------


Similar Part No. - TH7804ACC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7813A ATMEL-TH7813A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7813ACC ATMEL-TH7813ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814ACC ATMEL-TH7814ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
More results

Similar Description - TH7804ACC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com