Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204AAK-TCT1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8204AAK-TCT1U
Description  BATTERY PROTECTION IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204AAK-TCT1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8204AAK-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8204AAK-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
S-8204A Series
Rev.3.5_00
6
Electrical Characteristics
Table 5 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage n
(n = 1, 2, 3, 4)
VCUn
3.8 V to 4.6 V, adjustable,
50 mV step
VCUn
− 0.025
VCUn
VCUn
+ 0.025
V
2
Overcharge release voltage n
(n = 1, 2, 3, 4)
VCLn
3.6 V to 4.6 V,
adjustable,
50 mV step
VCL
≠ VCU
VCLn
− 0.05
VCLn
VCLn
+ 0.05
V
2
VCL = VCU
VCLn
− 0.025
VCLn
VCLn
+ 0.025
V
2
Overdischarge detection voltage n
(n = 1, 2, 3, 4)
VDLn
2.0 V to 3.0 V, adjustable,
100 mV step
VDLn
− 0.08
VDLn
VDLn
+ 0.08
V
2
Overdischarge release voltage n
(n = 1, 2, 3, 4)
VDUn
2.0 V to 3.4 V,
adjustable,
100 mV step
VDL
≠ VDU
VDUn
− 0.10
VDUn
VDUn
+ 0.10
V
2
VDL = VDU
VDUn
− 0.08
VDUn
VDUn
+ 0.08
V
2
Discharge overcurrent detection
voltage 1
VDIOV1
0.05 V to 0.30 V, adjustable
VDIOV1
− 0.015
VDIOV1
VDIOV1
+ 0.015
V
2
Discharge overcurrent detection
voltage 2
VDIOV2
0.4
0.5
0.6
V
2
Load short-circuit detection voltage
VSHORT
0.7
1.0
1.3
V
2
Charge overcurrent detection
voltage
VCIOV
−0.25 V to −0.05 V, adjustable
VCIOV
− 0.03
VCIOV
VCIOV
+0.03
V
2
Temperature coefficient 1
*1
TCOE1
Ta = 0°C to 50°C
*3
−1.0
0
1.0
mV/°C
2
Temperature coefficient 2
*2
TCOE2
Ta = 0°C to 50°C
*3
−0.5
0
0.5
mV/°C
2
Delay Time Function
*4
CCT pin internal resistance
RINC
V1 = 4.7 V, V2 = V3 = V4 = 3.5 V
6.15
8.31
10.2
M
Ω
3
CDT pin internal resistance
RIND
V1 = 1.5 V, V2 = V3 = V4 = 3.5 V
615
831
1020
k
Ω
3
CIT pin internal resistance 1
RINI1
V1 = V2 = V3 = V4 = 3.5 V
123
166
204
k
Ω
3
CIT pin internal resistance 2
RINI2
V1 = V2 = V3 = V4 = 3.5 V
12.3
16.6
20.4
k
Ω
3
CCT pin detection voltage
VCCT
VDS = 15.2 V,
V1 = 4.7 V, V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CDT pin detection voltage
VCDT
VDS = 12.0 V,
V1 = 1.5 V, V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CIT pin detection voltage
VCIT
VDS = 14.0 V,
V1 = V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
Load short-circuit detection
delay time
tSHORT
FET gate capacitance = 2000 pF
100
300
600
μs
3
0 V Battery Charge Function
0 V battery charge starting
charger voltage
V0CHA
0 V battery charge function
"available"
0.8
1.5
V
4
0 V battery charge inhibition
battery voltage
V0INH
0 V battery charge function
"inhibition"
0.4
0.7
1.1
V
4
Internal Resistance
Resistance between
VMP pin and VDD pin
RVMD
0.5
1
1.5
M
Ω
5
Resistance between
VMP pin and VSS pin
RVMS
450
900
1800
k
Ω
5


Similar Part No. - S-8204AAK-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204AAK-TCT1U ABLIC-S-8204AAK-TCT1U Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
More results

Similar Description - S-8204AAK-TCT1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com