Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211DAA-M5T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8211DAA-M5T1U
Description  BATTERY PROTECTION IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211DAA-M5T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8211DAA-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8211DAA-M5T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.6.5_02
S-8211D Series
11
3. 3 S-8211DAN, S-8211DAQ, S-8211DAT, S-8211DAX
Table 13
Item
Symbol
Condition
Min.
Typ.
Max. Unit
Test
Condi-
tion
Test
Circuit
DELAY TIME (Ta =
+25°C)
Overcharge detection delay time
tCU
0.96
1.2
1.4
s
8
5
Overdischarge detection delay time
tDL
120
150
180
ms
8
5
Discharge overcurrent detection delay time tDIOV
14.5
18
22
ms
9
5
Load short-circuiting detection delay time
tSHORT
240
300
360
μs
9
5
DELAY TIME (Ta =
−40°C to +85°C)*1
Overcharge detection delay time
tCU
0.7
1.2
2.0
s
8
5
Overdischarge detection delay time
tDL
83
150
255
ms
8
5
Discharge overcurrent detection delay time tDIOV
10
18
30
ms
9
5
Load short-circuiting detection delay time
tSHORT
150
300
540
μs
9
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is
guaranteed by design, not tested in production.


Similar Part No. - S-8211DAA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8211DAB-I6T1G SII-S-8211DAB-I6T1G Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211DAB-M5T1G SII-S-8211DAB-M5T1G Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211DAD-I6T1U ABLIC-S-8211DAD-I6T1U Datasheet
524Kb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.6.5_03
S-8211DAD-M5T1X ABLIC-S-8211DAD-M5T1X Datasheet
524Kb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.6.5_03
logo
Seiko Instruments Inc
S-8211DAE-I6T1G SII-S-8211DAE-I6T1G Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S-8211DAA-M5T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com