Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5855ADBA-I4T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5855ADBA-I4T1U
Description  PWM OUTPUT TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5855ADBA-I4T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5855ADBA-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5855ADBA-I4T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_01
S-5855A Series
7
Electrical Characteristics
1. Common items
Table 6
(Ta = TSP5, VDD = 3.0 V, VSS = 0 V, unless otherwise specified)
Item
Symbol
Condition
Min. Typ. Max. Unit
Test
circuit
Power supply voltage
VDD
1.65
5.5
V
1
Current consumption
IDD
No load at output pin
Ta = TSP5
200
μA1
Ta =
+25°C
(Duty ratio 100%)
50
μA1
Output leakage current ILEAK
Nch open-drain output product
VOUT = 5.5 V, Ta =
+25°C
1
μA3
Output source current
ISOURCE
CMOS output product
VOUT = VDD
− 0.3 V
0.8
mA
3
Output sink current
ISINK
VOUT = VSS
+ 0.3 V
3
mA
3
Fall time
tF
CL = 100 pF, RL = 10 k
Ω
VOUT = 0.8
× VDD to 0.2 × VDD
Nch open-drain output product
20
ns
5
CMOS output product
20
ns
4
Rise time
tR
Nch open-drain output product
CL = 15 pF, RL = 10 k
Ω
VOUT = 0.2
× VDD to 0.8 × VDD
300
ns
5
CMOS output product
CL = 100 pF, RL = 10 k
Ω
VOUT = 0.2
× VDD to 0.8 × VDD
50
ns
4


Similar Part No. - S-5855ADBA-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S-5852ABCBC-A8T1U4 SII-S-5852ABCBC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results

Similar Description - S-5855ADBA-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com