Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4818 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4818
Description  350mW Audio Power Amplifier with Shutdown Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4818 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4818 Datasheet HTML 1Page - National Semiconductor (TI) LM4818 Datasheet HTML 2Page - National Semiconductor (TI) LM4818 Datasheet HTML 3Page - National Semiconductor (TI) LM4818 Datasheet HTML 4Page - National Semiconductor (TI) LM4818 Datasheet HTML 5Page - National Semiconductor (TI) LM4818 Datasheet HTML 6Page - National Semiconductor (TI) LM4818 Datasheet HTML 7Page - National Semiconductor (TI) LM4818 Datasheet HTML 8Page - National Semiconductor (TI) LM4818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagrams
Small Outline (SO) Package
DS200389-35
Top View
Order Number LM4818M
See NS Package Number M08A
SO Marking
DS200389-72
Top View
XY - Date Code
TT - Die Traceability
Bottom 2 lines - Part Number
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM4819 350mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4902 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4870 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4871 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4900 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4861 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4862 675 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4882 250mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn