Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13055 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC13055
Description  WIDEBAND FSK RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13055 Datasheet(HTML) 1 Page - Motorola, Inc

  MC13055 Datasheet HTML 1Page - Motorola, Inc MC13055 Datasheet HTML 2Page - Motorola, Inc MC13055 Datasheet HTML 3Page - Motorola, Inc MC13055 Datasheet HTML 4Page - Motorola, Inc MC13055 Datasheet HTML 5Page - Motorola, Inc MC13055 Datasheet HTML 6Page - Motorola, Inc MC13055 Datasheet HTML 7Page - Motorola, Inc MC13055 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC13055
SEMICONDUCTOR
TECHNICAL DATA
WIDEBAND
FSK
RECEIVER
ORDERING INFORMATION
MC13055D
MC13055P
TA = – 40 to +85°C
SO–16
Plastic DIP
PIN CONNECTIONS
Order this document by MC13055/D
P SUFFIX
PLASTIC PACKAGE
CASE 648
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
Comparator Gnd
Comparator
10
16
15
14
13
12
+
11
9
8
7
6
5
4
3
2
Limiter Bias
Quad Input
Detector
Out
Comparator VCC
Meter Drive
Data Out
Carrier Detect
Limiter Input
1
IF Ground
Quad Bias
IF VCC
1
MOTOROLA ANALOG IC DEVICE DATA
Wideband FSK Receiver
The MC13055 is intended fo RF data link systems using carrier
frequencies up to 40 MHz and FSK (frequency shift keying) data rates up to
2.0 M Baud (1.0 MHz). This design is similar to the MC3356, except that it
does not include the oscillator/mixer. The IF bandwidth has been increased
and the detector output has been revised to a balanced configuration. The
received signal strength metering circuit has been retained, as has the
versatile data slicer/comparator.
Input Sensitivity 20 µV @ 40 MHz
Signal Strength Indicator Linear Over 3 Decades
Available in Surface Mount Package
Easy Application, Few Peripheral Components
Figure 1. Block Diagram and Application Circuit
Squelch
Adjust
(meter)
40MHz
IF
Input
(50
Ω)
+
+
10
11
14
12
13
15
9
16
2
8
7
6
5
4
3
L2
39pF
3.9k
3.9k
68pF
5.0k
Carrier
Detect
100pF
Data
Output
1.0k
Limiter
VCC
0.1
27pF
0.01
L1
22pF
0.8V
1
0.01
0.01
VCC
© Motorola, Inc. 1996
Rev 2


Similar Part No. - MC13055

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13055D LANSDALE-MC13055D Datasheet
313Kb / 9P
   Wideband FSK Receiver
MC13055D LANSDALE-MC13055D Datasheet
243Kb / 9P
   Wideband FSK Receiver
MC13055P LANSDALE-MC13055P Datasheet
313Kb / 9P
   Wideband FSK Receiver
MC13055P LANSDALE-MC13055P Datasheet
243Kb / 9P
   Wideband FSK Receiver
More results

Similar Description - MC13055

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com