Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCLT1000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TCLT1000
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCLT1000 Datasheet HTML 1Page - Vishay Siliconix TCLT1000 Datasheet HTML 2Page - Vishay Siliconix TCLT1000 Datasheet HTML 3Page - Vishay Siliconix TCLT1000 Datasheet HTML 4Page - Vishay Siliconix TCLT1000 Datasheet HTML 5Page - Vishay Siliconix TCLT1000 Datasheet HTML 6Page - Vishay Siliconix TCLT1000 Datasheet HTML 7Page - Vishay Siliconix TCLT1000 Datasheet HTML 8Page - Vishay Siliconix TCLT1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
www.vishay.com
4 (12)
Rev. A3, 19–Mar–01
Document Number 83515
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector emitter cut-off cur-
rent
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 W
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Current Transfer Ratio (CTR)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1000
CTR
0.50
6.0
C F
VCE = 5 V, IF = 10 mA
TCLT1001
CTR
0.40
0.8
VCE = 5 V, IF = 10 mA
TCLT1002
CTR
0.63
1.25
VCE = 5 V, IF = 10 mA
TCLT1003
CTR
1.0
2.0
VCE = 5 V, IF = 1 mA
TCLT1001
CTR
0.13
0.30
VCE = 5 V, IF = 1 mA
TCLT1002
CTR
0.22
0.45
VCE = 5 V, IF = 1 mA
TCLT1003
CTR
0.34
0.70
VCE = 5 V, IF = 5 mA
TCLT1005
CTR
0.5
1.5
VCE = 5 V, IF = 5 mA
TCLT1006
CTR
1.0
3.0
VCE = 5 V, IF = 5 mA
TCLT1007
CTR
0.8
1.6
VCE = 5 V, IF = 5 mA
TCLT1008
CTR
1.3
2.6
VCE = 5 V, IF = 5 mA
TCLT1009
CTR
2.0
4.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn