Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12430 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC12430
Description  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12430 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC12430 Datasheet HTML 2Page - Motorola, Inc MC12430 Datasheet HTML 3Page - Motorola, Inc MC12430 Datasheet HTML 4Page - Motorola, Inc MC12430 Datasheet HTML 5Page - Motorola, Inc MC12430 Datasheet HTML 6Page - Motorola, Inc MC12430 Datasheet HTML 7Page - Motorola, Inc MC12430 Datasheet HTML 8Page - Motorola, Inc MC12430 Datasheet HTML 9Page - Motorola, Inc MC12430 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC12430
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
6
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V to 5.0V ±5%)
Symbol
Characteristic
Min
Max
Unit
Condition
FMAXI
Maximum Input Frequency
S_CLOCK
Xtal Oscillator
FREF_EXT
10
10
10
20
Note 3.
MHz
Note 2.
FMAXO
Maximum Output Frequency
VCO (Internal)
FOUT
400
50
800
800
MHz
tLOCK
Maximum PLL Lock Time
10
ms
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak) Note 4.
±25
±65
ps
N = 2, 4, 8; Note 5.
N = 1; Note 5.
ts
Setup Time
S_DATA to S_CLOCK
S_CLOCK to S_LOAD
M, N to P_LOAD
20
20
20
ns
th
Hold Time
S_DATA to S_CLOCK
M, N to P_LOAD
20
20
ns
tpwMIN
Minimum Pulse Width
S_LOAD
P_LOAD
50
50
ns
tr, tf
Output Rise/Fall
FOUT
300
800
ps
20%–80%
2. 10MHz is the maximum frequency to load the feedback devide registers. S_CLOCK can be switched at higher frequencies when used as a
test clock in TEST_MODE 6.
3. Maximum frequency on FREF_EXT is a function of the internal M counter limitations. The phase detector can handle up to 100MHz on the input,
but the M counter must remain in the valid range of 200
≤ M ≤ 400. See the programming section on page 3 of this data sheet fore more details.
4. See Applications Information below for additional information.
5. 50
Ω to VCC – 2.0V pull–down.
APPLICATIONS INFORMATION
Using the On–Board Crystal Oscillator
The MC12430 features a fully integrated on–board crystal
oscillator to minimize system implementation costs. The
oscillator is a series resonant, multivibrator type design as
opposed to the more common parallel resonant oscillator
design. The series resonant design provides better stability
and eliminates the need for large on chip capacitors. The
oscillator is totally self contained so that the only external
component required is the crystal. As the oscillator is
somewhat sensitive to loading on its inputs the user is
advised to mount the crystal as close to the MC12430 as
possible to avoid any board level parasitics. To facilitate
co–location surface mount crystals are recommended, but
not required.
The oscillator circuit is a series resonant circuit and thus
for optimum performance a series resonant crystal should be
used. Unfortunately most crystals are characterized in a
parallel resonant mode. Fortunately there is no physical
difference between a series resonant and a parallel resonant
crystal. The difference is purely in the way the devices are
characterized. As a result a parallel resonant crystal can be
used with the MC12430 with only a minor error in the desired
frequency. A parallel resonant mode crystal used in a series
resonant circuit will exhibit a frequency of oscillation a few
hundred ppm lower than specified, a few hundred ppm
translates to kHz inaccuracies. In a general computer
application this level of inaccuracy is immaterial. Table 1
below specifies the performance requirements of the crystals
to be used with the MC12430.
Table 1. Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Series Resonance*
Frequency Tolerance
±75ppm at 25°C
Frequency/Temperature Stability
±150pm 0 to 70°C
Operating Range
0 to 70
°C
Shunt Capacitance
5–7pF
Equivalent Series Resistance (ESR)
50 to 80
Correlation Drive Level
100
µW
Aging
5ppm/Yr (First 3 Years)
* See accompanying text for series versus parallel resonant
discussion.


Similar Part No. - MC12430

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Similar Description - MC12430

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com