Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51IC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C51IC
Description  8-bit Microcontroller with Flash and I2C Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51IC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T89C51IC Datasheet HTML 2Page - ATMEL Corporation T89C51IC Datasheet HTML 3Page - ATMEL Corporation T89C51IC Datasheet HTML 4Page - ATMEL Corporation T89C51IC Datasheet HTML 5Page - ATMEL Corporation T89C51IC Datasheet HTML 6Page - ATMEL Corporation T89C51IC Datasheet HTML 7Page - ATMEL Corporation T89C51IC Datasheet HTML 8Page - ATMEL Corporation T89C51IC Datasheet HTML 9Page - ATMEL Corporation T89C51IC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
T89C51IC2
Rev. C – 3-Dec-01
Table 1. Pin Description for 40/44 pin packages
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4
VSS
22
16
I
Ground: 0V reference
VCC
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down
operation
P0.0-P0.7
43-36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high impedance inputs. Port 0 must be polarized to VCC
or VSS in order to prevent any parasitic current consumption. Port 0 is also the
multiplexed low-order address and data bus during access to external program and
data memory. In this application, it uses strong internal pull-up when emitting 1s. Port 0
also inputs the code bytes during EPROM programming. External pull-ups are required
during program verification during which P0 outputs the code bytes.
P1.0-P1.7
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 1 pins that are externally pulled low will source current because
of the internal pull-ups. Port 1 also receives the low-order address byte during memory
programming and verification.
Alternate functions for T89C51IC2 Port 1 include:
240
I/O
P1.0: Input / Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
I
XTALB1 (P1.0): Sub Clock input to the inverting oscillator amplifier
341
I/O
P1.1: Input / Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
442
I/O
P1.2: Input / Output
I
ECI: External Clock for the PCA
543
I/O
P1.3: Input / Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
644
I/O
P1.4: Input / Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
71
I/O
P1.5: Input / Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When SPI
is in slave mode, MISO outputs data to the master controller.
82
I/O
P1.6: Input / Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock
SCK outputs clock to the slave peripheral
93
I/O
P1.7: Input / Output:


Similar Part No. - T89C51IC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
More results

Similar Description - T89C51IC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com