Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5843AB7DC-M5T1S Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5843AB7DC-M5T1S
Description  TEMPERATURE SWITCH IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5843AB7DC-M5T1S Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5843AB7DC-M5T1S Datasheet HTML 3Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 4Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 5Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5843AB7DC-M5T1S Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_01
S-5843A Series
7
DC Electrical Characteristics
1. CMOS output product
Table 7
(Ta =
+25°C, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Power supply voltage
VDD
1.65
5.5
V
1
Detection temperature*1
+TD
TDET
− 2.5
TDET
TDET
+ 2.5
°C
1
Hysteresis temperature*2
THYS
2, 4, 10, 20
°C
1
Output current
IDETH
Output transistor Pch
VDET = 2.2 V, VDD = 3.0 V
2
9.4
mA
2
IDETL
Output transistor Nch
VDET = 0.4 V, VDD = 3.0 V
0.5
2.3
mA
2
Current consumption
during operation
IDD
VDD = 3.0 V
4.5
7.0
μA
1
*1. TDET: Set value of detection temperature
*2.
The hysteresis temperature is selectable in 2
°C, 4°C, 10°C, or 20°C.
However, if the detection temperature is
+40°C to +49°C, select hysteresis temperature in 2°C, 4°C or 10°C.
2. Nch open drain output product
Table 8
(Ta =
+25°C, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Power supply voltage
VDD
1.65
5.5
V
1
Detection temperature*1
+TD
TDET
− 2.5
TDET
TDET
+ 2.5
°C
1
Hysteresis temperature*2
THYS
2, 4, 10, 20
°C
1
Output current
IDETL
Output transistor Nch
VDET = 0.4 V, VDD = 3.0 V
0.5
2.3
mA
2
Leakage current
ILEAK
Output transistor Nch
VDET = 5.5 V, VDD = 3.0 V
100
nA
2
Current consumption
during operation
IDD
VDD = 3.0 V
4.5
7.0
μA
1
*1. TDET: Set value of detection temperature
*2.
The hysteresis temperature is selectable in 2
°C, 4°C, 10°C, or 20°C.
However, if the detection temperature is
+40°C to +49°C, select hysteresis temperature in 2°C, 4°C or 10°C.
[Fahrenheit
⇔ Celsius Conversion equation]
°C = (°F − 32) × 5 / 9
°F = 32 + °C × 9 / 5
AC Electrical Characteristics
Table 9
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Noise suppression time
tdelay
VDD = 3.0 V,
Ta = detection temperature
700
μs


Similar Part No. - S-5843AB7DC-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5843AB7DC-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com