Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-011134-TR3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011134-TR3000
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011134-TR3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011134-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Low Noise Amplifier
2.4 GHz and 5.8 GHz
Rev. V3
MAAL-011134
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Block Diagram
Features
 Low Noise Figure: 0.9 dB @ 5.8 GHz
 High Gain: 17.7 dB @ 5.8 GHz
 High Linearity OIP3: 34 dBm @ 5.5 GHz
 Single Voltage Bias: 3 - 5 V
 Integrated Active Bias Circuit
 Current Adjustable 30 - 80 mA
 Fast Switching Speed: <200 ns
 Lead-Free 2 mm 8-LD PDFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant
Description
The MAAL-011134 is a high dynamic range, single
stage MMIC LNA assembled in a lead-free 2 mm
8-LD PDFN plastic package. This amplifier has ultra
low noise figure, high gain and excellent linearity. In
the 50 Ω environment and at 3 V, this device offers
less than 0.5 dB noise figure at 2.4 GHz, with 24 dB
of gain and over 33 dBm OIP3.
This low noise amplifier has an integrated active
bias circuit allowing direct connection to 3 V or 5 V
bias and minimizing variations over temperature and
process. The bias current is set by an external
resistor, so the user can customize the power
consumption to fit the application. VBIAS can be
utilized as an enable pin to power the device up and
down during operation.
This MAAL-011134 is ideally suited for 802.11
multimode applications at 2.4 GHz and 5.8 GHz.
The high gain, low noise figure and fast switching
speed make it ideal for 4 x 4 MIMO 802.11ac
applications.
*Restrictions on Hazardous Substances,
European Union Directive 2011/65/EU.
Pin Configuration3
Pin No.
Pin Name
Description
1
N/C
No Connection
2
RFIN
RF Input
3
N/C
No Connection
4
N/C
No Connection
5
VBIAS
Bias Voltage
6
N/C
No Connection
7
RFOUT / VDD
RF Output / Drain Voltage
8
N/C
No Connection
9
Pad4
Ground
Part Number
Package
MAAL-011134-TR3000
3000 piece reel
MAAL-011134-1SMB
Sample Board
5 - 6 GHz
MAAL-011134-2SMB
Sample Board
2.4 GHz
Ordering Information1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
N/C
N/C
N/C
RFIN
N/C
VBIAS
RFOUT /
VDD
1
N/C
8
7
6
5
2
3
4
BIAS
3. MACOM recommends connecting all No Connection (N/C)
pins to ground.
4. The exposed pad centered on the package bottom must be
connected to RF, DC and thermal ground.


Similar Part No. - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-000PPR MA-COM-MAAL-011130-000PPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-SMBPPR MA-COM-MAAL-011130-SMBPPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAL-011136-001SMB MA-COM-MAAL-011136-001SMB Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com