Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-007086 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086
Description  Test Boards are Available
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007086 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
Rev. V4
MAAD-007086
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1 dB Steps to 50 dB
 Low DC Power Consumption
 Integral TTL Driver
 50 ohm Impedance
 Test Boards are Available
 Tape and Reel Packaging Available
 Lead-Free SOW-24 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT65-0106
Description
MACOM's MAAD-007086-000100 is a GaAs FET
6-bit digital attenuator with a 1 dB minimum step size
and a 50 dB total attenuation range. This device is in
a SOW-24, wide body plastic surface mount
package. The MAAD-007086-000100 is ideally
suited for use where accuracy, fast speed, very low
power consumption and low costs are required.
Ordering Information
Part Number
Package
MAAD-007086-000100
Bulk Packaging
MAAD-007086-0001TR
1000 piece reel
MAAD-007086-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Schematic with Off-Chip Components
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
13
RF
2
GND
14
GND
3
GND
15
GND
4
C32
16
GND
5
C16
17
GND
6
VEE
18
GND
7
VCC
19
GND
8
C8
20
GND
9
C4
21
GND
10
C2
22
GND
11
C1
23
GND
12
GND
24
RF
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAD-007086

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-000100 MACOM-MAAD-007086-000100 Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
719Kb / 7P
   Digital Attenuator
logo
Tyco Electronics
MAAD-007086-0001TB MACOM-MAAD-007086-0001TB Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
More results

Similar Description - MAAD-007086

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
   There are two evaluation boards available for the ADA2200
logo
Astec America, Inc
APA105-ML-001 ASTEC-APA105-ML-001 Datasheet
731Kb / 2P
   Demo Boards are available to enable users to evaluate AMPSS짰 modules.
logo
List of Unclassifed Man...
SHIELD-EKG-EMG ETC1-SHIELD-EKG-EMG Datasheet
3Mb / 20P
   All boards produced by Olimex LTD are ROHS compliant
2014
logo
MERITEK ELECTRONICS COR...
NTS3 MERITEK-NTS3 Datasheet
1Mb / 7P
   Halogen-Free (HF) series are available
logo
Molex Electronics Ltd.
0732511850 MOLEX11-0732511850 Datasheet
55Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange, Pressure Contact for Test Boards, Tray
0732511850 MOLEX-0732511850_V01 Datasheet
48Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange, Pressure Contact for Test Boards, Tray
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
   Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
   Desktop Boards
logo
Suntan Capacitors
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
   These diodes are also available in other case
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com