Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-007078 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007078
Description  Low DC Power Consumption
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007078 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007078 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007078 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAAD-007078
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3.0 GHz
dB
3.5
3.8
Attenuation Accuracy
Individual Bits 1-2-4-8-16 dB
Any Combination of Bits 1 to 31 dB
DC - 3.0 GHz
DC - 3.0 GHz
dB
±(.3 +5% of atten setting)
±(.5 +7% of atten setting)
VSWR
Full Range
DC - 3.0 GHz
Ratio
2.0:1
2.2:1
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
75
20
150
50
1 dB Compression
50 MHz
0.5 - 3.0 GHz
dBm
+21
+24
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-3.0 GHz
dB
+35
+48
Vcc
V
4.75
5.0
5.25
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
µA
-1.0
1.0
Icc4
Vcc min to max,
Logic “0” or “1”
mA
6
10
Turn-on Current5
For guaranteed start-up
mA
125
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
-93
Thermal Resistance θjc
°C/W
35
4. During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the
specified levels.
5. The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current available for
start up.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +6.0V
Vin8
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. MACOM does not recommend sustained operation near these
survivability limits.
8. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration 9
9. Application Note S2083 is available on line at www.macom.com


Similar Part No. - MAAD-007078

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007078-000100 MACOM-MAAD-007078-000100 Datasheet
280Kb / 6P
   Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
807Kb / 7P
   Digital Attenuator
logo
Tyco Electronics
MAAD-007078-0001TB MACOM-MAAD-007078-0001TB Datasheet
280Kb / 6P
   Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAAD-007078

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS541 HW-HWS541 Datasheet
104Kb / 2P
   Low DC Power Consumption
logo
M/A-COM Technology Solu...
AT20-0106 MA-COM-AT20-0106_15 Datasheet
671Kb / 5P
   Low DC Power Consumption
MAAD-007084 MA-COM-MAAD-007084 Datasheet
700Kb / 5P
   Low DC Power Consumption
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com